Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORPC-817 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ORPC-817 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # ORPC-817
Download  ORPC-817 Download
File Size   980.56 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V

ORPC-817 Datasheet (PDF)

Go To PDF Page Download Datasheet
ORPC-817 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ORPC-817
Download  ORPC-817 Click to download

File Size   980.56 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V

ORPC-817 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD




Similar Part No. - ORPC-817

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
orP120D4 E-OEC-orP120D4 Datasheet
753Kb / 23P
Solid-State Relays
orP240D2 E-OEC-orP240D2 Datasheet
753Kb / 23P
Solid-State Relays
logo
Neutrik AG
ORP8F NEUTRIK-ORP8F Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
ORP8F-NI NEUTRIK-ORP8F-NI Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
ORP8M NEUTRIK-ORP8M Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
More results


Similar Description - ORPC-817

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10420 TOKO-TK10420 Datasheet
120Kb / 5P
DUAL CONVERSION FM IF AMPLIFER
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
logo
Vishay Siliconix
VOS617A VISHAY-VOS617A Datasheet
155Kb / 9P
High CTR with low input current
27-Feb-13
logo
Solid State Optronic
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
Trigger Current (5mA MAX)
logo
Guangdong Juxing Electr...
JPC817 JUXING-JPC817 Datasheet
2Mb / 6P
Current conversion ratio (CTR: minimum 50% Working conditions I F = 5mA, V CE =
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
logo
Guangdong Youtai Semico...
PS2701-1 UMW-PS2701-1 Datasheet
1Mb / 6P
Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
UMW817C-S UMW-UMW817C-S Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com