Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD8LS5.0C Datasheet (PDF) - AiT Semiconductor Inc.

ESD8LS5.0C Datasheet PDF - AiT Semiconductor Inc.
Part # ESD8LS5.0C
Download  ESD8LS5.0C Download
File Size   651.29 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS

ESD8LS5.0C Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD8LS5.0C Datasheet PDF - AiT Semiconductor Inc.

Part # ESD8LS5.0C
Download  ESD8LS5.0C Click to download

File Size   651.29 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS

ESD8LS5.0C Datasheet (HTML) - AiT Semiconductor Inc.


ESD8LS5.0C Product details

DESCRIPTION
The
ESD8LS5.0C is designed to protect voltage
sensitive components that require ultra low
capacitance from ESD and transient voltage
events.
Excellent clamping capability, low capacitance,
low leakage, and fast response time, make the se
parts ideal for ESD protection on designs where
board space is at a premium. Because of its low
capacitance, it is suited for use in high frequency
designs such as USB 2.0 high speed and antenna
line applications.
The
ESD8LS5.0C is available in SOD 882
Pa ckage

FEATURES
 Ultra Low Capac itance 0.4 pF
 Low Clamping Voltage
 Small Body Outline Dimensions:
0.039
x 0.024″ (1.00mm x 0.60 mm)
 Low Body Height: 0.020″ (0.5 mm)
 Stand off Voltage: 5 V
 Low Leakage
 R esponse Time is Typically < 1.0 ns
 IEC61000 4 2 Level 4 ESD Protection
 Availabl e in SOD 882 P ackage

MECHA NICAL CHA RACTERISTICS
CASE: Void-free, transfer-molded, thermosetting
plastic Epoxy Meets UL 94 V−0
LEAD FINISH: 100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:
Device Meets MSL 1 Requirements




Similar Part No. - ESD8LS5.0C

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD8L5.0 AITSEMI-ESD8L5.0 Datasheet
500Kb / 5P
TRANSIENT VOLTAGE SUPPRESSORS ESD PROTECTION DIODES WITH ULTRA-LOW CAPACITANCE
REV1.1
More results


Similar Description - ESD8LS5.0C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
DONGGUAN YOU FENG WEI E...
RB520CS-30 YFWDIODE-RB520CS-30 Datasheet
530Kb / 2P
Transient Voltage Suppressors ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com