Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6825 Datasheet (PDF) - Analog Devices

ADM6825 Datasheet PDF - Analog Devices
Part # ADM6825
Download  ADM6825 Download
File Size   132.53 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23

ADM6825 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6825 Datasheet PDF - Analog Devices

Part # ADM6825
Download  ADM6825 Click to download

File Size   132.53 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23

ADM6825 Datasheet (HTML) - Analog Devices


ADM6825 Product details

GENERAL DESCRIPTION
The ADM6821-ADM6825 are supervisory circuits which monitor power supply voltage levels and code execution integrity in microprocessor-based systems. As well as providing power-on-reset signals, an on-chip watchdog timer can reset the microprocessor if it fails to strobe within a preset timeout period. A reset signal can also be asserted by means of an external push-button, through a manual reset input. The three parts feature different combinations of watchdog input, manual reset input and output stage configuration, as shown in table 1.

FEATURES
   Precision Low Voltage Monitoring down to 1.8V
   9 Reset Threshold Options:
      1.58V to 4.63V
   140ms (Min) Reset Timeout
   Watchdog Timer with 1.6s Timeout
   Manual Reset Input
   Reset Output Stages
      Push-Pull Active-Low
      Open-Drain Active-Low
      Push-Pull Active-High
   Low Power Consumption (3µA)
   Guaranteed Reset Output valid to VCC=1V
   Power Supply Glitch Immunity
   Specified from -40°C to +125°C
   5-Lead SOT-23 Package

APPLICATIONS
   Microprocessor Systems
   Computers
   Controllers
   Intelligent Instruments
   Portable Equipment




Similar Part No. - ADM6825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6825 AD-ADM6825 Datasheet
218Kb / 12P
Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-
REV. B
ADM6825TYRJZ-R7 AD-ADM6825TYRJZ-R7 Datasheet
218Kb / 12P
Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-
REV. B
ADM6825TYRJZ-R7 AD-ADM6825TYRJZ-R7 Datasheet
252Kb / 12P
Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results


Similar Description - ADM6825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6823SYRJZ-RL7 AD-ADM6823SYRJZ-RL7 Datasheet
252Kb / 12P
Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com