Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1211YRU Datasheet (PDF) - Analog Devices

ADG1211YRU Datasheet PDF - Analog Devices
Part # ADG1211YRU
Download  ADG1211YRU Download
File Size   271.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches

ADG1211YRU Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1211YRU Datasheet PDF - Analog Devices

Part # ADG1211YRU
Download  ADG1211YRU Click to download

File Size   271.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches

ADG1211YRU Datasheet (HTML) - Analog Devices


ADG1211YRU Product details

GENERAL DESCRIPTION

The ADG1211/ADG1212/ADG1213 are monolithic complementary metal-oxide semiconductor (CMOS) devices containing four independently selectable switches designed on an iCMOS® (industrial CMOS) process. iCMOS is a modular manufacturing process combining high voltage CMOS and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size.



FEATURES

1 pF off capacitance

2.6 pF on capacitance

<1 pC charge injection

33 V supply range

120 Ω on resistance

Fully specified at ±15 V, +12 V

No VL supply required

3 V logic-compatible inputs

Rail-to-rail operation

16-lead TSSOP and 16-lead LFCSP

Typical power consumption: <0.03 µW



APPLICATIONS

Automatic test equipment

Data acquisition systems

Battery-powered systems

Sample-and-hold systems

Audio signal routing

Video signal routing

Communication systems




Similar Part No. - ADG1211YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1211YRUZ AD-ADG1211YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL AD-ADG1211YRUZ-REEL Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL7 AD-ADG1211YRUZ-REEL7 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Similar Description - ADG1211YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Nov-2004
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com