Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2651P3 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CC2651P3 Datasheet PDF - Texas Instruments
Part # CC2651P3
Download  CC2651P3 Download
File Size   2963.8 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier

CC2651P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2651P3 Datasheet PDF - Texas Instruments

Part # CC2651P3
Download  CC2651P3 Click to download

File Size   2963.8 Kbytes
Page   72 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier

CC2651P3 Datasheet (HTML) - Texas Instruments


CC2651P3 Product details

1 Features
Wireless microcontroller
• Powerful 48-MHz Arm® Cortex®-M4F processor
• 352KB flash program memory
• 256KB of ROM for protocols and library functions
• 8KB of cache SRAM
• 80KB of ultra-low leakage SRAM with parity for
high-reliability operation
• Dynamic multiprotocol manager (DMM) driver
• Programmable radio includes support for 2-
(G)FSK, 4-(G)FSK, MSK, OOK, Bluetooth® 5.2
Low Energy, IEEE 802.15.4 PHY and MAC
• Supports over-the-air upgrade (OTA)
Ultra-low power sensor controller
• Autonomous MCU with 4KB of SRAM
• Sample, store, and process sensor data
• Fast wake-up for low-power operation
• Software defined peripherals; capacitive touch,
flow meter, LCD
Low power consumption
• MCU consumption:
– 3.5 mA active mode, CoreMark
– 74 μA/MHz running CoreMark
– 1 μA standby mode, RTC, 80KB RAM
– 160 nA shutdown mode, wake-up on pin
• Ultra low-power sensor controller consumption:
– 30.1 μA in 2 MHz mode
– 808 μA in 24 MHz mode
• Radio Consumption:
– 7.3 mA RX at 2.4 GHz
– 7.9 mA TX at 0 dBm
– 10.9 mA TX at +5 dBm
– 33 mA TX at +10 dBm
Wireless protocol support
• Thread, Zigbee®, Matter
• Bluetooth® 5.2 Low Energy
• SimpleLink™ TI 15.4-stack
• Proprietary systems
High performance radio
• -103 dBm sensitivity for Bluetooth® Low Energy
125-kbps LE Coded PHY
• Output power up to +10 dBm with temperature
compensation
Regulatory compliance
• Regulatory certification for compliance with
worldwide radio frequency:
– ETSI RED (Europe)
– ISED (Canada)
– FCC (USA)
MCU peripherals
• Digital peripherals can be routed to any of 30
GPIOs
• Four 32-bit or eight 16-bit general-purpose timers
• 12-bit ADC, 200 kSamples/s, 8 channels
• 8-bit DAC
• Two comparators
• Programmable current source
• Two UART, two SSI, I2C, I2S
• Real-time clock (RTC)
• Integrated temperature and battery monitor
Security enablers
• AES 128- and 256-bit cryptographic accelerator
• ECC and RSA public key hardware accelerator
• SHA2 Accelerator (full suite up to SHA-512)
• True random number generator (TRNG)
Development tools and software
• LP-CC2652RSIP Development Kit
• SimpleLink™ CC13xx and CC26xx Software
Development Kit (SDK)
• SmartRF™ Studio for simple radio configuration
• Sensor Controller Studio for building low-power
sensing applications
• SysConfig system configuration tool
Operating range
• On-chip buck DC/DC converter
• 1.8-V to 3.8-V single supply voltage
• Tj: -40 to +105°C
Package
• 7-mm × 7-mm MOT (30 GPIOs)
• RoHS-compliant package




Similar Part No. - CC2651P3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2651P3 TI-CC2651P3 Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2651P3 TI-CC2651P3 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2651P3 TI-CC2651P3 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
CC2651P3 TI1-CC2651P3 Datasheet
3Mb / 69P
CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC2651P3 TI1-CC2651P3 Datasheet
3Mb / 91P
CC1354P10 SimpleLink™ High-Performance Multi-band Wireless MCU With Integrated Power Amplifier
DECEMBER 2023
More results


Similar Description - CC2651P3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2652RB TI1-CC2652RB Datasheet
2Mb / 54P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC2652RSIP TI-CC2652RSIP Datasheet
1Mb / 60P
CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC2652RSIP TI-CC2652RSIP_V01 Datasheet
2Mb / 67P
CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
FEBRUARY 2022
CC2651R3SIPA TI-CC2651R3SIPA Datasheet
2Mb / 68P
CC2651R3SIPA SimpleLink™ Multiprotocol 2.4 GHz Wireless System-in-Package Module with integrated Antenna & 352-KB Memory
REVISED JUNE 2022
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com