Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25143 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM25143 Datasheet PDF - Texas Instruments
Part # LM25143
Download  LM25143 Download
File Size   4062.72 Kbytes
Page   70 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ

LM25143 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25143 Datasheet PDF - Texas Instruments

Part # LM25143
Download  LM25143 Click to download

File Size   4062.72 Kbytes
Page   70 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ

LM25143 Datasheet (HTML) - Texas Instruments


LM25143 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 3.5 V to 42 V
– 1% accurate, fixed 3.3-V, 5-V, or adjustable
outputs from 0.6 V to 36 V
– 150°C maximum junction temperature
– 3.3-μA typical shutdown mode current
– 15-μA typical no-load standby current
• Two interleaved synchronous buck channels
– Dual channel or single-output multiphase
– 65-ns tON(min) for high VIN/VOUT ratio
– 60-ns tOFF(min) for low dropout
• Inherent protection features for robust design
– Hiccup mode overcurrent protection
– Independent ENABLE and PGOOD functions
– Adjustable output voltage soft start
– VCC, VDDA, and gate-drive UVLO protection
– Thermal shutdown protection with hysteresis
• Optimized for CISPR 25 class 5 EMI requirements
– Slew-rate controlled adaptive gate drivers
– Spread spectrum reduces peak emissions
• 100-kHz to 2.2-MHz switching frequency
– SYNC in and SYNC out capability
– Selectable diode emulation or FPWM modes
• VQFN-40 package with wettable flank pins
• Create a custom design using the LM25143-Q1
with WEBENCH® Power Designer

2 Applications
• Automotive electronic systems
• Infotainment systems, instrument clusters
• Advanced driver assistance systems (ADAS)
• Body electronics and lighting

3 Description
The LM25143-Q1 is a 42-V DC/DC synchronous
buck controller for high-current single or dual outputs.
Deriving from a family of wide-VIN range controllers,
the device uses an interleaved, stackable, peak
current-mode control architecture for easy loop
compensation, fast transient response, excellent load
and line regulation, and accurate current sharing with
paralleled phases for higher output current. A highside
switch minimum on time of 65 ns provides large
step-down ratios, enabling the direct conversion from
12-V or 24-V automotive inputs to low-voltage rails for
reduced system complexity and cost. The LM25143-
Q1 continues to operate during input voltage dips as
low as 3.5 V, at nearly 100% duty cycle if needed.
The 15-μA no-load quiescent current with the
output voltage in regulation extends operating runtime
in battery-powered automotive systems. Power
the LM25143-Q1 from the output of the switching
regulator or another available source for even lower
input quiescent current and power loss.




Similar Part No. - LM25143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143 TI-LM25143 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25143 TI2-LM25143 Datasheet
3Mb / 74P
LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
LM25143 TI2-LM25143 Datasheet
3Mb / 73P
LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
OCTOBER 2025
More results


Similar Description - LM25143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
LM25149-Q1 TI-LM25149-Q1 Datasheet
3Mb / 51P
LM25149-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25141-Q1 TI-LM25141-Q1_V01 Datasheet
2Mb / 50P
LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25148-Q1 TI-LM25148-Q1 Datasheet
5Mb / 53P
LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5013-Q1 TI-LM5013-Q1 Datasheet
2Mb / 37P
LM5013-Q1 Automotive 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-low IQ
APRIL 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143A-Q1 TI-LM5143A-Q1 Datasheet
3Mb / 69P
LM5143A-Q1 Automotive 3.5-V to 65-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25148-Q1 TI1-LM25148-Q1_V01 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com