Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM5177 Datasheet PDF - Texas Instruments
Part # LM5177
Download  LM5177 Download
File Size   2151.43 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM5177 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5177 Datasheet PDF - Texas Instruments

Part # LM5177
Download  LM5177 Click to download

File Size   2151.43 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller

LM5177 Datasheet (HTML) - Texas Instruments


LM5177 Product details

1 Features
• Wide input range from 3.5 V to 78 V (80-V
absolute maximum)
– Minimum 2.8 V when V(BIAS) > 3.5 V
• Output voltage from 3.3 V to 78 V
• Low shutdown IQ of 3 μA
• Low operating IQ of 60 μA
• 3% reverse current limit accuracy for precise
charging currents
• Average input and output current monitor or limiter
• Dynamic output voltage tracking for PWM or
analog input signals
• Power save mode (PSM) selectable for high light
load efficiency
• Two integrated high-voltage supply LDOs with
automatic selection
• 2-A peak current logic level gate driver
– Integrated bootstrap diode
– Bootstrap overvoltage and undervoltage
protection
• Fixed frequency independent from operating mode
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching up to 2 MHz for small solution and
component size
– External clock synchronization
• Spread spectrum operation selectable
• Adjustable undervoltage and overvoltage
protection
• Hiccup overcurrent protection

2 Applications
• Non-isolated DC/DC supply (merchant DC/DC,
remote radio unit, motor drive control)
• Backup power systems (battery backup, fire
safety)
• Industrial PC (single board computer)
• Medical PSU (oxygen concentrator)
• Power over ethernet (router)
• Solar power (solar charge controller)

3 Description
The LM5177 is a four switch buck-boost controller.
The device provides a regulated output voltage if
the input voltage is higher, equal, or lower than the
adjusted output voltage. In power safe mode, the
device supports superb efficiency over the full rage
of the output current. The LM5177 runs at a fixed
switching frequency, which can be set through the RT
or SYNC pin. The switching frequency remains the
same during buck, boost, and buck-boost operation.
The integrated and optional average current monitor
can help monitor and limit input and output current
of the LM5177. This feature also supports charging
backup power elements, like batteries or capacitors,
with constant current (CC) and constant voltage (CV).




Similar Part No. - LM5177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5177 TI-LM5177 Datasheet
2Mb / 54P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
LM5177 TI1-LM5177 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
3Mb / 112P
LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
OCTOBER 2024
LM5177 TI-LM5177 Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM5177 TI2-LM5177 Datasheet
2Mb / 60P
LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED JANUARY 2025
More results


Similar Description - LM5177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com