Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2902 Datasheet PDF - Texas Instruments
Part # LM2902
Download  LM2902 Download
File Size   1265.02 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications

LM2902 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2902 Datasheet PDF - Texas Instruments

Part # LM2902
Download  LM2902 Click to download

File Size   1265.02 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications

LM2902 Datasheet (HTML) - Texas Instruments


LM2902 Product details

1 Features
• AEC Q-100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C
– Device HBM ESD classification 2
– Device CDM ESD classification C5
• Wide supply range of:
– 3 V to 36 V (LM2902B-Q1 and LM2902BA-Q1)
– 3 V to 32 V (LM2902KV and LM2902KAV)
– 3 V to 26 V (all other products)
• Input offset voltage maximum at 25°C of:
– 2 mV (LM2902BA-Q1 and LM2902KAV)
– 3 mV (LM2902B-Q1)
– 7 mV (all other products)
• Internal RF and EMI filter (LM2902B-Q1 and
LM2902BA-Q1)
• Supply-current of 175 μA per channel, typical
• Unity-gain bandwidth of 1.2 MHz
• Common-mode input voltage range includes V–
• Differential input voltage range equal to maximumrated
supply voltage

2 Applications
• Automotive lighting
• Body electronics
• Automotive head unit
• Telematics control unit
• Emergency call (eCall)
• Passive safety: brake system
• Electric vehicle / hybrid electric:
– Inverter and motor control
– On-board (OBC) and wireless charger
– Battery management system (BMS)

3 Description
This device consists of four independent high-gain
frequency-compensated operational amplifiers that
are designed specifically to operate from a single
supply over a wide range of voltages. Operation from
split supplies is possible when the difference between
the two supplies is 3 V to 36 V (for B-version devices),
3 V to 32 V (for V-version devices) or 3 V to 26
V (for all other devices), and VCC is at least 1.5 V
more positive than the input common-mode voltage.
The low supply-current drain is independent of the
magnitude of the supply voltage.
Applications include transducer amplifiers, dc
amplification blocks, and all the conventional
operational-amplifier circuits that now can be more
easily implemented in single-supply-voltage systems.
For example, the LM2902 can be operated directly
from the standard 5-V supply that is used in
digital systems and easily provides the required
interface electronics without requiring additional ±15-V
supplies.




Similar Part No. - LM2902

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM2902 PHILIPS-LM2902 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
Fairchild Semiconductor
LM2902 FAIRCHILD-LM2902 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Intersil Corporation
LM2902 INTERSIL-LM2902 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
ON Semiconductor
LM2902 ONSEMI-LM2902 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results


Similar Description - LM2902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2904-Q1 TI-LM2904-Q1_V02 Datasheet
2Mb / 37P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V03 Datasheet
2Mb / 39P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2902LV-Q1 TI-LM2902LV-Q1_V02 Datasheet
2Mb / 38P
LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
REVISED OCTOBER 2021
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V06 Datasheet
3Mb / 41P
LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
LM2902-Q1 TI-LM2902-Q1_V02 Datasheet
1Mb / 32P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902-Q1 TI1-LM2902-Q1_V03 Datasheet
1Mb / 31P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com