Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP126 Datasheet (PDF) - Texas Instruments

TMP126 Datasheet PDF - Texas Instruments
Part # TMP126_V01
Download  TMP126 Download
File Size   1774.9 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert

TMP126 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP126 Datasheet PDF - Texas Instruments

Part # TMP126_V01
Download  TMP126 Click to download

File Size   1774.9 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert

TMP126 Datasheet (HTML) - Texas Instruments


TMP126 Product details

1 Features
• High accuracy
– TMP126:
• ±0.25°C (maximum) from 20°C to 30°C
• ±0.3°C (maximum) from –20°C to 85°C
• ±0.4°C (maximum) from –40°C to 125°C
• ±0.5°C (maximum) from –55°C to 150°C
• ±0.75°C (maximum) from 150°C to 175°C
– TMP126N:
• ±0.8°C (maximum) from –40°C to 150°C
• Fast measurement intervals with no self-heating
concerns
• Operating temperature range:
– TMP126: –55°C to 175°C
– TMP126N: –40°C to 150°C
• Supply range: 1.62 V to 5.5 V
• Factory-calibrated
– NIST traceability
• Low power consumption
• Programmable temperature alert limits
• Temperature slew rate warning
• Optional Cyclic Redundancy Check (CRC)
• 3-wire SPI interface

2 Applications
• Wireless communication equipment
• Field transmitters
• Medical equipment
• Grid infrastructure
• Building and factory automation
• Servo drives
• Avionics
• Lasers

3 Description
The TMP126 is a 0.25°C accuracy digital temperature
that supports an ambient temperature range of –55°C
to 175°C. The TMP126 features a 14-bit signed
temperature resolution (0.03125°C per LSB) while
operating over a supply range of 1.62 V to 5.5 V.
With a fast conversion rate, low supply current, and a
simple 3-wire SPI compatible interface, the TMP126 is
designed for a wide range of applications.
The TMP126 includes additional advanced features
for increased reliability in harsh environments such
as optional CRC checksum for data integrity,
programmable alert limits, a temperature slew rate
warning, and an enhanced operational temperature
range. The device utilizes a NIST traceable factory
calibration for guaranteed accuracy and comes in
a small SOT package for close placement to heat
sources along with fast response times.




Similar Part No. - TMP126_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 48P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 45P
TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 50P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1 Datasheet
2Mb / 53P
TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 48P
TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
REVISED JUNE 2022
More results


Similar Description - TMP126_V01

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125122 SENSITRON-SHD125122 Datasheet
55Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125635 SENSITRON-SHD125635 Datasheet
55Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
logo
Texas Instruments
TMP126-Q1 TI-TMP126-Q1 Datasheet
1Mb / 48P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126 TI-TMP126 Datasheet
1Mb / 45P
TMP126 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1_V01 Datasheet
1Mb / 50P
TMP126-Q1 High-Accuracy, Low-Power SPI Temperature Sensor with 175 째C Operation, CRC and Slew Rate Alert
TMP126-Q1 TI-TMP126-Q1_V02 Datasheet
2Mb / 53P
TMP126-Q1 Automotive Grade, 0.25 째C SPI Temperature Sensor With 175 째C Operation, CRC and Slew Rate Alert
MARCH 2022
TMP126-Q1 TI-TMP126-Q1_V03 Datasheet
1Mb / 48P
TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
REVISED JUNE 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com