Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V736 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V736 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V736
Download  HT82V736 Download
File Size   143.84 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Stereo Headphone Driver with Mute

HT82V736 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V736 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V736
Download  HT82V736 Click to download

File Size   143.84 Kbytes
Page   9 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Stereo Headphone Driver with Mute

HT82V736 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V736 Product details

General Description
The HT82V736 is a class AB stereo earphone driver designed for portable digital audio application. It provides an integrated mute function to prevent popping sounds when power is turned on and off. In addition, the HT82V736 further integrates a voltage divider, and therefore the external resistors can be eliminated. The HT82V736 has a fixed gain of 6dB so that external gain setting is unnecessary. It is fully pin and functionally compatible with BH3544 which is suitable for effective low cost applications.

Features
• Operating voltage: 2.4V~6.0V
• Internal mute function to prevent power On/Off clicks
• Excellent power supply ripple rejection
• High slew rate
• Low total harmonic distortion
• Low power consumption
• Short circuit elimination
• Integrated voltage divider (VDD/2) to eliminate external resistors
• Wide temperature operating range
• 8-pin SOP package

Applications
• CD-ROM/RW, DVD-ROM/RW
• PDA, MP3
• Portable Digital Audio
• Discman, Camcorders
• Headphone Amplifier




Similar Part No. - HT82V736

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
Audio D/A Converter
October 29, 2002
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
60mA Audio Power Amp
October 29, 2002
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
240mA Audio Power Amp
January 6, 2003
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
More results


Similar Description - HT82V736

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Unisonic Technologies
3541 UTC-3541_15 Datasheet
231Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
TDK Electronics
WM2002 TDK-WM2002 Datasheet
332Kb / 12P
Stereo Headphone Driver with Wolfson
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com