Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVDF Datasheet (PDF) - AiT Semiconductor Inc.

KVDF Datasheet PDF - AiT Semiconductor Inc.
Part # KVDF
Download  KVDF Download
File Size   235.07 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description THROUGH-HOLE COMS VCXO

KVDF Datasheet (PDF)

Go To PDF Page Download Datasheet
KVDF Datasheet PDF - AiT Semiconductor Inc.

Part # KVDF
Download  KVDF Click to download

File Size   235.07 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description THROUGH-HOLE COMS VCXO

KVDF Datasheet (HTML) - AiT Semiconductor Inc.


KVDF Product details

Features
 All metal welded package.
 High precision characteristic covering up to wide
frequency range from 1MHz up to 80MHz.
 5V / 3.3V operating voltage.
 CMOS output.
 3-state function.
 14-Pin DIP (Full-Size Package)
 Applications: Telecommunications, Mobile communications, Avionics, Test equipments, Electronic instruments, etc.




Similar Part No. - KVDF

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
KVD HAMMOND-KVD Datasheet
52Kb / 1P
Evaporateur de condensat
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
Kelvin-Varley Voltage Divider
04-13-2011
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
Kelvin-Varley Voltage Divider
logo
United Chemi-Con, Inc.
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32A0T00 CHEMI-CON-KVD101L104M32A0T00 Datasheet
231Kb / 3P
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Similar Description - KVDF

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-711STHC EPSONTOYOCOM-TCO-711STHC Datasheet
407Kb / 1P
COMS logic output
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Fox Electronics
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
5.0V, HCMOS, Thru-Hole VCXO
VCXO-DLF FOX-VCXO-DLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
logo
Zilog, Inc.
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
COMS Z8 ROMLess Microcontrollers
logo
SIPAT Co,Ltd
SP4273 SIPAT-SP4273 Datasheet
624Kb / 10P
SPDT Broadband COMS
logo
AiT Semiconductor Inc.
KVC3225 AITSEMI-KVC3225 Datasheet
253Kb / 1P
SMD COMS VCXO
KVDH AITSEMI-KVDH Datasheet
236Kb / 1P
THROUGH-HOLE COMS VCXO
logo
Transko Electronics, In...
VCXO-650 TRANSKO-VCXO-650 Datasheet
451Kb / 2P
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com