Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR230LSF Datasheet (PDF) - AiT Semiconductor Inc.

MBR230LSF Datasheet PDF - AiT Semiconductor Inc.
Part # MBR230LSF
Download  MBR230LSF Download
File Size   469.64 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A

MBR230LSF Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR230LSF Datasheet PDF - AiT Semiconductor Inc.

Part # MBR230LSF
Download  MBR230LSF Click to download

File Size   469.64 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A

MBR230LSF Datasheet (HTML) - AiT Semiconductor Inc.


MBR230LSF Product details

DESCRIPTION
The MBR230LSF is available in SOD-123FL Package

FEATURES
 Metal silicon junction, majority carrier conduction
 For surface mounted applications
 Low power loss, high efficiency
 High forward surge current capability
 For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
 Available in SOD-123FL Package




Similar Part No. - MBR230LSF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR230LSFT1 ONSEMI-MBR230LSFT1 Datasheet
80Kb / 5P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
80Kb / 5P
SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
May, 2007 - Rev. 0
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
68Kb / 5P
Surface Mount Schottky Power Rectifier
July, 2014 ??Rev. 1
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
MBR230LSFT1G ONSEMI-MBR230LSFT1G Datasheet
197Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD-123 Package
January, 2024 - Rev. 2
More results


Similar Description - MBR230LSF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
logo
First Silicon Co., Ltd
FDR240F FS-FDR240F Datasheet
719Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 40V Forward Current 2.0A
logo
AiT Semiconductor Inc.
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
DSR01S30S AITSEMI-DSR01S30S Datasheet
363Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.1A
REV1.0
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
SM220A AITSEMI-SM220A Datasheet
663Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
SM220AF AITSEMI-SM220AF Datasheet
312Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com