Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1859 Datasheet (PDF) - Linear Integrated Systems

LTC1859 Datasheet PDF - Linear Integrated Systems
Part # LTC1859
Download  LTC1859 Download
File Size   271.8 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown

LTC1859 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1859 Datasheet PDF - Linear Integrated Systems

Part # LTC1859
Download  LTC1859 Click to download

File Size   271.8 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown

LTC1859 Datasheet (HTML) - Linear Integrated Systems


LTC1859 Product details

DESCRIPTION
The LTC®1857/LTC1858/LTC1859 are 8-channel, low power, 12-/14-/16-bit, 100ksps, analog-to-digital converters (ADCs). These SoftSpan™ ADCs can be softwareprogrammed for 0V to 5V, 0V to 10V, ±5V or ±10V input spans and operate from a single 5V supply. The 8-channel multiplexer can be programmed for single-ended inputs or pairs of differential inputs or combinations of both. In addition, all channels are fault protected to ±25V. A fault condition on any channel will not affect the conversion result of the selected channel.

FEATURES
■ Sample Rate: 100ksps
■ 8-Channel Multiplexer with ±25V Protection
■ Single 5V Supply
■ Software-Programmable Input Ranges:
   ■ 0V to 5V, 0V to 10V, ±5V or ±10V
   ■ Single-Ended or Differential
■ ±3LSB INL for the LTC1859, ±1.5LSB INL for the LTC1858, ±1LSB INL for the LTC1857
■ Power Dissipation: 40mW (Typ)
■ SPI/MICROWIRE™ Compatible Serial I/O
■ Power Shutdown: Nap and Sleep
■ Signal-to-Noise Ratio: 87dB (Typ) for the LTC1859
■ Operates with Internal or External Reference
■ Internal Synchronized Clock
■ 28-Pin SSOP Package

APPLICATIONS
■ Industrial Process Control
■ Multiplexed Data Acquisition Systems
■ High Speed Data Acquisition for PCs
■ Digital Signal Processing




Similar Part No. - LTC1859

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1859 LINER-LTC1859 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1859 LINER-LTC1859 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1859 LINER-LTC1859 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1859 LINER-LTC1859 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1859 LINER-LTC1859 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Similar Description - LTC1859

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
8-Channel, 16-Bit, 100ksps SoftSpan ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com