Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH100KL2A Datasheet (PDF) - Analog Technologies, Inc.

ATH100KL2A Datasheet PDF - Analog Technologies, Inc.
Part # ATH100KL2A
Download  ATH100KL2A Download
File Size   217.37 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Stability Thermistor Assembly

ATH100KL2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATH100KL2A Datasheet PDF - Analog Technologies, Inc.

Part # ATH100KL2A
Download  ATH100KL2A Click to download

File Size   217.37 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Stability Thermistor Assembly

ATH100KL2A Datasheet (HTML) - Analog Technologies, Inc.


ATH100KL2A Product details

MAIN FEATURES
Glass Encapsulated for Long Term Stability & Reliability
High Stability: <0.1℃/Y
High Resistance Accuracy: 1%
Wide Temp. Range: -55℃ to 250℃
Packaged in Extra Small Ring Lug
100 % Lead (Pb)-free and RoHS Compliant

APPLICATIONS
Temperature sensing for laser diodes, optical components, etc.

DESCRIPTION
The ATH100KL2A is a thermistor assembly with a glass
encapsulated thermistor packaged in an extra compact ring
lug. The ATH100KL2A series thermistor consists of three
versions, ATH100KL2A, ATH100KL2AT63 and
ATH100KL2AT63S. The ATH100KL2A has bear leads
coated with copper, the ATH100KL2AT63S has the leads
covered by high temperature plastic tubing and sealed by
epoxy, while the ATH100KL2AT63 is the non-sealed version.
Comparing with conventional assemblies containing epoxy
encapsulated thermistors, ATH100KL2A series thermistor
presents higher long term stability, higher reliability and
wider temperature range. In addition, it has a small size and
short response time.
The ATH100KL2A series thermistor can be used to measure
the temperatures of laser diodes, optical components, etc.,
with high accuracy and long term stability.
There are some differences among ATH100KL2A,
ATH100KL2B and ATH100KL2C. First, the ring sizes of
them are different. Second, the thermistor head in
ATH100KL2A is the same as ATH100KR8, while the heads
in ATH100KL2B and ATH100KL2C are the same as
ATH100K1R25. Last, the resistance temperature
characteristics in ATH100KL2B and ATH100KL2C are the
same, different from ATH100KL2A.




Similar Part No. - ATH100KL2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATH100KL2 ETC2-ATH100KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
logo
Analog Technologies, In...
ATH100KL2B ANALOGTECHNOLOGIES-ATH100KL2B Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
ATH100KL2BT70 ANALOGTECHNOLOGIES-ATH100KL2BT70 Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
ATH100KL2BT70S ANALOGTECHNOLOGIES-ATH100KL2BT70S Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
ATH100KL2C ANALOGTECHNOLOGIES-ATH100KL2C Datasheet
240Kb / 5P
High Stability Miniature Thermistor
3/31/2021
More results


Similar Description - ATH100KL2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATH100KL2 ETC2-ATH100KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
ATH10KL2 ETC2-ATH10KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
ATH10KR8 ETC2-ATH10KR8 Datasheet
301Kb / 2P
High Stability Miniature Thermistor
ATH100KR8 ETC2-ATH100KR8 Datasheet
288Kb / 3P
High Stability Miniature Thermistor
logo
Analog Technologies, In...
ATH100K1R25 ANALOGTECHNOLOGIES-ATH100K1R25 Datasheet
333Kb / 20P
High Stability Miniature Thermistor
4/9/2021
ATH100KL2C ANALOGTECHNOLOGIES-ATH100KL2C Datasheet
240Kb / 5P
High Stability Miniature Thermistor
3/31/2021
ATH10K1R0 ANALOGTECHNOLOGIES-ATH10K1R0 Datasheet
217Kb / 3P
High Stability Miniature Thermistor
3/31/2021
ATH10K1R25 ANALOGTECHNOLOGIES-ATH10K1R25 Datasheet
1Mb / 21P
High Stability Miniature Thermistor
4/9/2021
ATH10KBL2A ANALOGTECHNOLOGIES-ATH10KBL2A Datasheet
261Kb / 4P
High Stability Thermistor Assembly
ATH10KL2C ANALOGTECHNOLOGIES-ATH10KL2C Datasheet
264Kb / 6P
High Stability Miniature Thermistor
3/31/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com