Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATRCT101 Datasheet (PDF) - Analog Technologies, Inc.

ATRCT101 Datasheet PDF - Analog Technologies, Inc.
Part # ATRCT101
Download  ATRCT101 Download
File Size   435.73 Kbytes
Page   5 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Variable Resistor & Capacitor Box

ATRCT101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATRCT101 Datasheet PDF - Analog Technologies, Inc.

Part # ATRCT101
Download  ATRCT101 Click to download

File Size   435.73 Kbytes
Page   5 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Variable Resistor & Capacitor Box

ATRCT101 Datasheet (HTML) - Analog Technologies, Inc.


ATRCT101 Product details

FEATURES
Wide adjustable resistance range: 1Ω to 1000kΩ
Wide adjustable capacitance range: 10pF to 10μF
High resistance resolution: 1Ω
High capacitance resolution: 10pF
High accuracy: ±1%
Very comfortable to use and easy to read the total value
Long life time rocker switches
Compact size: 73.20×27.20×16.01(mm)
Durable resin enclosure
100 % lead (Pb)-free and RoHS compliant

APPLICATIONS
Tuning analog circuits and doing experiments. It's highly
recommended for high frequency compensation network
tuning, greater than 1MHz and up to 10MHz.

DESCRIPTION
This ATRCT101 is an accurate rocker switch resistor and
capacitor box. The features listed above make it a very useful
tool for tuning analog circuits where changing capacitance
and resistance is needed. In electronic circuit experiments,
ATRCT101 can be used to provide accurate resistance and
capacitance values, reducing the time to replace resistors or
capacitors, thus greatly improving the efficiency of tuning
circuits. Its small size not only saves lab space, but also can
be easily transported to another site. The anti-interference
ability of this ATRCT101 is also better than other resistor
and capacitor boxes in the market.




Similar Part No. - ATRCT101

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
ATRCTL10OPNXVTNZ46U ELMA-ATRCTL10OPNXVTNZ46U Datasheet
123Kb / 4P
ATR (Air Transport Rack)
ATRCTS07ASNXLTQE4 ELMA-ATRCTS07ASNXLTQE4 Datasheet
238Kb / 2P
Liquid Cooled 1 ATR Chassis, Tall, Short
More results


Similar Description - ATRCT101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2B027 PANASONIC-MA2B027 Datasheet
45Kb / 2P
Silicon epitaxial planar type variable resistor
MA30 PANASONIC-MA30 Datasheet
23Kb / 2P
Silicon epitaxial planer type variable resistor
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
Dual Temperature-Controlled NV Variable Resistor
logo
KOA Speer Electronics, ...
CR2A10YTE KOA-CR2A10YTE Datasheet
90Kb / 8P
Capacitor/Resistor Chip Networks
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
three-terminal capacitor/resistor
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
Resistor/Capacitor Chip Network
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
RESISTOR-CAPACITOR NETWORKS
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
CAPACITOR/RESISTOR NETWORKS
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com