Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSC10KF1-S2 Datasheet (PDF) - Analog Technologies, Inc.

ATSC10KF1-S2 Datasheet PDF - Analog Technologies, Inc.
Part # ATSC10KF1-S2
Download  ATSC10KF1-S2 Download
File Size   312.56 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Stainless Steel Capped Thermistor

ATSC10KF1-S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSC10KF1-S2 Datasheet PDF - Analog Technologies, Inc.

Part # ATSC10KF1-S2
Download  ATSC10KF1-S2 Click to download

File Size   312.56 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Stainless Steel Capped Thermistor

ATSC10KF1-S2 Datasheet (HTML) - Analog Technologies, Inc.


ATSC10KF1-S2 Product details

MAIN FEATURES
 Glass Encapsulated for Long Term Stability & Reliability
 High Resistance Accuracy: 1%
 Maximum Temp. Range: −40°C to 200°C
 Packaged in Extra Small Metal Shell
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATION AREAS
Temperature Sensing
Temperature Detection
Transformers
Electric Motors
Air Sensors

DESCRIPTIONS
The ATSC10KF1-S2 thermistor assembly is housed by a
stainless cap. The thermistor inside has glass encapsulation to
ensure long time operation, wide temperature range, and no
parameter drift of either short time or long term. The cap is
made of metal, making them long time lasting even under
harsh environment, such as acid, moisture, etc. The output
terminals use a pair of heavy duty PVC insulated wires of
28AWG. The length of the wires can be specified. The cap
can be customized according to customers need.




Similar Part No. - ATSC10KF1-S2

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATSC10KF1-S1 ANALOGTECHNOLOGIES-ATSC10KF1-S1 Datasheet
291Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S3 ANALOGTECHNOLOGIES-ATSC10KF1-S3 Datasheet
324Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S4 ANALOGTECHNOLOGIES-ATSC10KF1-S4 Datasheet
331Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S5 ANALOGTECHNOLOGIES-ATSC10KF1-S5 Datasheet
313Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S6 ANALOGTECHNOLOGIES-ATSC10KF1-S6 Datasheet
317Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
More results


Similar Description - ATSC10KF1-S2

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATSC10KF1-E1 ANALOGTECHNOLOGIES-ATSC10KF1-E1 Datasheet
320Kb / 3P
Stainless Steel Capped Thermistor
1/28/2022
ATSC10KF1-E2 ANALOGTECHNOLOGIES-ATSC10KF1-E2 Datasheet
262Kb / 3P
Stainless Steel Capped Thermistor
3/21/2022
ATSC10KF1-E3 ANALOGTECHNOLOGIES-ATSC10KF1-E3 Datasheet
295Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-E4 ANALOGTECHNOLOGIES-ATSC10KF1-E4 Datasheet
290Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-E5 ANALOGTECHNOLOGIES-ATSC10KF1-E5 Datasheet
289Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-S1 ANALOGTECHNOLOGIES-ATSC10KF1-S1 Datasheet
291Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S3 ANALOGTECHNOLOGIES-ATSC10KF1-S3 Datasheet
324Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S4 ANALOGTECHNOLOGIES-ATSC10KF1-S4 Datasheet
331Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S5 ANALOGTECHNOLOGIES-ATSC10KF1-S5 Datasheet
313Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S6 ANALOGTECHNOLOGIES-ATSC10KF1-S6 Datasheet
317Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com