Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S02209TC321 Datasheet (PDF) - Molex Electronics Ltd.

S02209TC321 Datasheet PDF - Molex Electronics Ltd.
Part # S02209TC321
Download  S02209TC321 Download
File Size   1000.01 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description S022 PG9 T WPCB A1 12V RED LED H12

S02209TC321 Datasheet (PDF)

Go To PDF Page Download Datasheet
S02209TC321 Datasheet PDF - Molex Electronics Ltd.

Part # S02209TC321
Download  S02209TC321 Click to download

File Size   1000.01 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description S022 PG9 T WPCB A1 12V RED LED H12

S02209TC321 Datasheet (HTML) - Molex Electronics Ltd.


S02209TC321 Product details

TECHNICAL SPECIFICATION:
OPERATING CURRENT: 16A
CONTACT RESISTANCE: <15 mOhms MAX.
OPERATING TEMPERATURE:
NBR GASKET: -40° TO +90°C
SILICONE GASKET: -40° TO 125°C




Similar Part No. - S02209TC321

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
S022 BURKERT-S022 Datasheet
1Mb / 24P
Conductivity meter, ELEMENT design
26.03.2024
More results


Similar Description - S02209TC321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX3044ID ETC1-SSL-LX3044ID Datasheet
53Kb / 1P
T-3mm (T-1) 635nm RED LED. RED DIFFUSED LENS.
logo
LUMEX INC.
SSL-LX3052ID LUMEX-SSL-LX3052ID Datasheet
45Kb / 1P
T-3 (T-1) LED, RED DIFUSED
SSL-LX3044HC LUMEX-SSL-LX3044HC Datasheet
64Kb / 1P
T-3mm 700mm RED LED
SSL-LX3044ID-TR LUMEX-SSL-LX3044ID-TR Datasheet
73Kb / 1P
T-3 LED 635mm RED LED
SSL-LX3054HD LUMEX-SSL-LX3054HD Datasheet
107Kb / 1P
T-3mm 700 RED LED
SSL-LX305D4ID LUMEX-SSL-LX305D4ID Datasheet
50Kb / 1P
T-3mm 635mm RED LED
SSL-LX305F4HD LUMEX-SSL-LX305F4HD Datasheet
50Kb / 1P
T-3mm LED 700mm RED LED
SSL-LX305F4LID LUMEX-SSL-LX305F4LID Datasheet
51Kb / 1P
T-3mm 635mm RED LED
SSL-LX3054ID-12V LUMEX-SSL-LX3054ID-12V Datasheet
52Kb / 1P
T-3mm 635mm RED LED
SSI-LX5093LID-380 LUMEX-SSI-LX5093LID-380 Datasheet
92Kb / 1P
T-5mm LED, RED DIFFUSED LED
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com