Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL05024BS Datasheet (PDF) - NXP Semiconductors

CBTL05024BS Datasheet PDF - NXP Semiconductors
Part # CBTL05024BS
Download  CBTL05024BS Download
File Size   287.79 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance multiplexer/demultiplexer switch for Thunderbolt applications

CBTL05024BS Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL05024BS Datasheet PDF - NXP Semiconductors

Part # CBTL05024BS
Download  CBTL05024BS Click to download

File Size   287.79 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance multiplexer/demultiplexer switch for Thunderbolt applications

CBTL05024BS Datasheet (HTML) - NXP Semiconductors


CBTL05024BS Product details

General description
The CBTL05024 is a multiplexer/demultiplexer switch chip optimized to interface the
Thunderbolt/MiniDP connector with Thunderbolt systems. It supports 10.3125 Gbit/s
Thunderbolt or DisplayPort v1.2 channels.
The TB MUX is a 3 : 1 switch that selects between Thunderbolt data path and
DisplayPort v1.2 side-band signals — either DDC or AUX.
The DP MUX is a 2 : 1 switch that selects between DP ML (DisplayPort Main Link) and
LS TX/RX signals. Both LSTX and LSRX are the side-band signals for Thunderbolt
channel. This chip also includes HPD and CA_DET buffers for HPD_IN and CA_DET control signals. CBTL05024 is powered by a 3.3 V supply and it is available in a 3 mm  3 mm HVQFN24 package with 0.4 mm pitch.

Features and benefits
2.1 TB MUX 3 : 1 switch
 This 3 : 1 switch is implemented by two cascaded 2 : 1 switches
 The first 2 : 1 10G MUX is controlled by TB_ENA, AUXIO_EN and DP_PD pins
 The second 2 : 1 AUX MUX is controlled by CA_DET signal multiplexing of the
720 Mbit/s Differential FAUX (or 1 Mbit/s AUX) and DDC (Direct Display Control)
signals
 When CA_DET is HIGH, DDC path is selected
 Differential TB channel
 Low insertion loss: 1.3 dB at 5 GHz
 Low return loss: < 20 dB at 5 GHz
 Low ON-state resistance: 8 
 Bandwidth: 10 GHz
 Low off-state isolation: 20 dB at 5 GHz
 Low crosstalk: 36 dB at 5 GHz
 Differential input voltage VID: 1.2 V (maximum)
 Differential AUX channel
 Low insertion loss: 1.1 dB at 5 MHz; 1.8 dB at 360 MHz
 Low return loss: 18 dB at 5 MHz; 16 dB at 360 MHz
 Low ON-state resistance: 13  (typical); 16  (maximum)
 Bandwidth: 3 GHz
 Low off-state isolation: 80 dB at 5 MHz; 55 dB at 360 MHz
 Low crosstalk: 26 dB at 2.7 GHz
 Common-mode input voltage VIC: 0 V to 3.3 V
 Differential input voltage VID: 1.4 V (maximum)
 DDC channel
 ON-state resistor: 50  (maximum)
 100 kHz 3.3 V voltage swing signal
 Both AUXIO+ and AUXIO outputs have 85 k (20 %) resistors
 The 85 k AUXIO pull-up resistor
 The 85 k AUXIO+ pull-down resistor is always present

2.2 DP MUX 2 : 1 switch
 Multiplexes between differential DP ML signal and LSTX/LSRX signals
 The DP ML (DisplayPort Main Link) runs up to HBR2 data rate of 5.4 Gbit/s
 The low speed DC-coupled signals LSTX and LSRX are 3.3 V single-ended signals
that operate at 1 Mbit/s
 5.4 Gbit/s DP-DPMLO path for DP MUX
 Low insertion loss for DP-DPMLO path: 1.2 dB at 2.7 GHz
 Low return loss for DP-DPMLO path: 15 dB at 2.7 GHz
 Low ON-state resistance for DP-DPMLO path: 9 
 High bandwidth: 5.5 GHz
 Low off-state isolation: 20 dB at 2.7 GHz
 Low crosstalk: 25 dB at 2.7 GHz
 Common-mode input voltage VIC: 0 V to 3.3 V
 Differential input voltage VID: 1.4 V (maximum)
 LS-DPMLO path for DP MUX
 Low insertion loss: single-ended insertion loss (ON) is 1.0 dB at 5 MHz
 Low return loss: single-ended return loss (ON) is 20 dB at 5 MHz
 Low ON-state resistance: 16  (typical) for VDD = 3.3 V
 High bandwidth: Single-ended 3 dB bandwidth is 1 GHz
 Low off-state isolation: single-ended insertion loss (OFF) is 60 dB at 5 MHz
 Low crosstalk: 40 dB at 5 GHz

2.3 General
 The input of the HPD (Hot Plug Detect) buffer is 5 V tolerant
 HPDOUT and CA_DETOUT buffers
 CA_DET input leakage current < 0.1 A to prevent driving the 1 M pull-down to a
HIGH level
 Integrated LSRX buffer with 1 M pull-down resistor (R1) on the LSRX buffer input
 Integrated 8.75 k pull-up resistor (R4) on the LSTX pin
 When AUXIO_EN = 1, TB_ENA = 0 and DP_PD = 1, the CBTL05024 is in
Detect mode
 AUXIO+ and AUXIO of the TB MUX are disabled
 LS path is selected in DP MUX
 CA_DET and HPD buffers are on
 When the CBTL05024 is in Detect mode, this chip consumes < 18 W
 Patent-pending high bandwidth analog pass-gate technology
 Very low intra-pair differential skew (5 ps typical)
 Back current protection on connector pins (AUXIO+/, DPMLO+/, CA_DET and HPD
pins)
 All channels support rail-to-rail input voltage
 All CMOS input buffer with hysteresis
 Single 3.3 V  10 % power supply
 HVQFN24 3 mm  3 mm package, 0.4 mm pitch, exposed center pad for thermal relief
and electrical ground
 ESD: 2000 V HBM, 1000 V CDM
 Operating temperature range 20 C to 85 C




Similar Part No. - CBTL05024BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
More results


Similar Description - CBTL05024BS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
NXP Semiconductors
CBTL05023 NXP-CBTL05023 Datasheet
107Kb / 4P
Multiplexer/demultiplexer switch for Thunderbolt applications
Rev. 2-15 August 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com