Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL08GP053EV Datasheet (PDF) - NXP Semiconductors

CBTL08GP053EV Datasheet PDF - NXP Semiconductors
Part # CBTL08GP053EV
Download  CBTL08GP053EV Download
File Size   791.14 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB Type-C High performance Crossbar Switch IC

CBTL08GP053EV Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL08GP053EV Datasheet PDF - NXP Semiconductors

Part # CBTL08GP053EV
Download  CBTL08GP053EV Click to download

File Size   791.14 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB Type-C High performance Crossbar Switch IC

CBTL08GP053EV Datasheet (HTML) - NXP Semiconductors


CBTL08GP053EV Product details

General description
CBTL08GP053 is a USB Type-C High Performance Crossbar Switch IC meant to be used
for Type-C connector interface high speed passive switching applications. It provides
switching of high speed differential signals that correspond to various interface standards:
USB3.1 (10 Gbps), DP1.3 (8.1 Gbps), PCI Express 3.0 (8 Gbps), etc. It supports switching
of single ended signals over Type-C interface. In addition, side band switching of AUX and
other dedicated signals for transport over SBU1 and SBU2.
It provides the I2C-bus interface for switch control, configuration and status update. It
operates from a single platform power supply VDD.
This IC is targeted for a wide range of platforms (PCs, tablets, convertibles, smart phones)
and PC accessories (e.g. docks, monitors, etc.) applications.
CBTL08GP053 is available in a small footprint package option: VFBGA40 4.75 mm 
3.25 mm, 0.5 mm pitch.

Features and benefits
2.1 High speed switch features
 Supports the following interface standards: USB3.1, DP1.3, DP++, PCIe 3.0
 Supports signaling rates up to 10 Gbps
 Performs multiplexing or switching of high speed differential signals or single ended
signals
 All switches are direction agnostic
 Design based on both patented and patent pending high performance switch
technology
 Target performance specification
 Differential signaling (peak to peak) of 1.4 V and common mode level over 0 V to
2.2 V
 1.8 V single ended rail to rail signaling
 Ron: 7  (typ)
 Insertion loss: 1.2 dB at 2.7 GHz, 1.8 dB at 5.4 GHz, 3dB at 8.5 GHz (typ)
 Isolation: 23 dB at 2.7 GHz, 16.5 dB at 5.4 GHz (typ)
 Cross talk: 32 dB at 2.7 GHz, 24 dB at 5.4 GHz (typ)
 Return loss: 20 dB at 2.7 GHz, 16 dB at 5.4 GHz (typ)
 Very low intra pair skew
 Very low propagation delay (80 ps typical) and inter pair skew (35 ps typical)
 Switch paths selectable through the I2C-bus interface (registers for atomic and
sequential switch selection)

2.2 Sideband auxiliary crossbar switch features
 Single ended 2:1 multiplexing/switching with single ended cross bar switching of both
differential AUX or single ended UART or I2C or miscellaneous signals
 Switches are direction agnostic
 Switches are 5.5 V tolerant
 Target performance specification (typical values)
 Ron 8  (typ) at Vcm = 0.5 V to 2.65 V
 Very low intra pair skew
 Very low propagation delay (80 ps typical)
 Switch paths selectable through the I2C-bus interface (registers for atomic and
sequential switch selection)

2.3 General
 Supports I2C slave interface Standard mode (100 kbit/s) and Fast mode (400 kbit/s)
 I2C slave address programmable up to 4 values
 Back current protection on control pins and exposed connector side I/O pins
 Single 3.3V power supply
 Current consumption
 Active mode (all switches are functional): 300 A (typ)
 Standby mode (all switches in Hi-Z): 15 A (max)
 Operating temperature: 40 to 105 C
 ESD 2 kV HBM, 500 V CDM
 Package: VFBGA40 4.75 mm  3.25 mm, 0.5 mm pitch

Applications
 PC platforms: notebook PCs, desktop PCs, ultrabooks
 Tablets, 2:1 convertibles, smartphones and portable devices
 PC accessories/peripherals: multi-function monitors, etc.




Similar Part No. - CBTL08GP053EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
CBTL01023GM NXP-CBTL01023GM Datasheet
105Kb / 14P
3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042ABQ NXP-CBTL02042ABQ Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02042B NXP-CBTL02042B Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
More results


Similar Description - CBTL08GP053EV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STP2230SOP ETC2-STP2230SOP Datasheet
202Kb / 16P
Crossbar Switch
logo
Rohm
BD2221G ROHM-BD2221G Datasheet
155Kb / 5P
USB High side switch IC
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
logo
Dow-Key Microwave Corpo...
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
C-band Crossbar/Fan-Out
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
C-band Crossbar/Fan-Out
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
logo
Silicon Mitus, Inc.
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com