Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1843680 Datasheet (PDF) - PHOENIX CONTACT

1843680 Datasheet PDF - PHOENIX CONTACT
Part # 1843680
Download  1843680 Download
File Size   793.37 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/10-G-3,5

1843680 Datasheet (PDF)

Go To PDF Page Download Datasheet
1843680 Datasheet PDF - PHOENIX CONTACT

Part # 1843680
Download  1843680 Click to download

File Size   793.37 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/10-G-3,5

1843680 Datasheet (HTML) - PHOENIX CONTACT


1843680 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage (III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 10, number of rows: 1, number of positions: 10, number of connections: 10, product range: MCV 1,5/..-G, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1843680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843606 PHOENIX-1843606 Datasheet
140Kb / 5P
MC 1,5/ 2-ST-3,5
1843606 PHOENIX-1843606 Datasheet
144Kb / 5P
MCV 1,5/ 2-G-3,5
1843619 PHOENIX-1843619 Datasheet
142Kb / 4P
MCV 1,5/ 3-G-3,5
1843622 PHOENIX-1843622 Datasheet
140Kb / 5P
MC 1,5/ 4-ST-3,5
1843635 PHOENIX-1843635 Datasheet
220Kb / 6P
MC 1,5/ 5-ST-3,5
More results


Similar Description - 1843680

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843619 PHOENIX-1843619 Datasheet
142Kb / 4P
MCV 1,5/ 3-G-3,5
1843635 PHOENIX-1843635 Datasheet
222Kb / 5P
MCV 1,5/ 5-G-3,5
1843651 PHOENIX-1843651 Datasheet
793Kb / 17P
PCB header - MCV 1,5/ 7-G-3,5
Jul 20, 2022
1731484 PHOENIX-1731484 Datasheet
305Kb / 10P
PCB header - MCV 1,5/ 3-G-3,5-RN
Jan 3, 2023
1779527 PHOENIX-1779527 Datasheet
320Kb / 8P
PCB header - MCV 1,5/10-G-3,5 P26 THR
Jan 3, 2023
1731549 PHOENIX-1731549 Datasheet
352Kb / 10P
PCB header - MCV 1,5/ 8-G-3,5-RN
1779381 PHOENIX-1779381 Datasheet
323Kb / 8P
PCB header - MCV 1,5/ 3-G-3,5 P26 THR
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
1843729 PHOENIX-1843729 Datasheet
470Kb / 12P
PCB header - MCV 1,5/14-G-3,5
1843761 PHOENIX-1843761 Datasheet
422Kb / 11P
PCB header - MCV 1,5/18-G-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com