Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3MBF Datasheet (PDF) - AiT Semiconductor Inc.

S3MBF Datasheet PDF - AiT Semiconductor Inc.
Part # S3MBF
Download  S3MBF Download
File Size   468.39 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A

S3MBF Datasheet (PDF)

Go To PDF Page Download Datasheet
S3MBF Datasheet PDF - AiT Semiconductor Inc.

Part # S3MBF
Download  S3MBF Click to download

File Size   468.39 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A

S3MBF Datasheet (HTML) - AiT Semiconductor Inc.


S3MBF Product details

DESCRIPTION
The
S3 A BF ~S 3MBF are available in SMBF p a ckage

FEATURES
 F or surface mounted applications
 Low profile package
 Glass Passivated Chip Junction
 Easy to pick and place
 Availabl e in SMBF p ackage

MECHANICAL DATA
 Case: SMBF
 Terminals: Solderable per MIL STD 750,
Method 2026
 Approx. Weigh t: 57mg / 0.002oz




Similar Part No. - S3MBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S3MBF CHENDA-S3MBF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S3MBF YFWDIODE-S3MBF Datasheet
86Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S3MBF JUXING-S3MBF Datasheet
622Kb / 3P
Surface Mount Standard Rectifiers
logo
Xian Semipower Electron...
S3MBF SEMIPOWER-S3MBF Datasheet
119Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S3MBF ZSELEC-S3MBF Datasheet
88Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Similar Description - S3MBF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL151G LRC-RL151G_11 Datasheet
176Kb / 7P
Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com