Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23A256 Datasheet (PDF) - Microchip Technology

23A256 Datasheet PDF - Microchip Technology
Part # 23A256_V01
Download  23A256 Download
File Size   412.62 Kbytes
Page   27 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256-Kbit SPI Bus Low-Power Serial SRAM

23A256 Datasheet (PDF)

Go To PDF Page Download Datasheet
23A256 Datasheet PDF - Microchip Technology

Part # 23A256_V01
Download  23A256 Click to download

File Size   412.62 Kbytes
Page   27 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256-Kbit SPI Bus Low-Power Serial SRAM

23A256 Datasheet (HTML) - Microchip Technology


23A256 Product details

Description
The Microchip Technology Inc. 23X256 are 256-Kbit
Serial SRAM devices. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.

Features
• Maximum Clock 20 MHz
• Low-Power CMOS Technology:
- Read Current: 3 mA at 1 MHz
- Standby Current: 4 μA maximum at +85°C
• 32,768 x 8-bit Organization
• 32-Byte Page
• HOLD Pin
• Flexible Operating Modes:
- Byte read and write
- Page mode (32-Byte Page)
- Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant, Halogen Free
• Automotive AEC-Q100 Qualified
- Industrial (I):-40C to + 85C
- Extended (E):-40C to + 125C




Similar Part No. - 23A256_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A256-E/P MICROCHIP-23A256-E/P Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A256-E/P MICROCHIP-23A256-E/P Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A256-E/P MICROCHIP-23A256-E/P Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
23A256-E/SN MICROCHIP-23A256-E/SN Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A256-E/SN MICROCHIP-23A256-E/SN Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
More results


Similar Description - 23A256_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
logo
Microchip Technology
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
256-Kbit serial SPI bus EEPROM - 105 C Operation
09-Feb-2015
logo
Microchip Technology
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
23A640 MICROCHIP-23A640_V01 Datasheet
611Kb / 28P
64-Kbit SPI Bus Low-Power Serial SRAM
Revision F 07/2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com