Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8765CLX Datasheet (PDF) - Microchip Technology

KSZ8765CLX Datasheet PDF - Microchip Technology
Part # KSZ8765CLX
Download  KSZ8765CLX Download
File Size   1603.7 Kbytes
Page   132 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces

KSZ8765CLX Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8765CLX Datasheet PDF - Microchip Technology

Part # KSZ8765CLX
Download  KSZ8765CLX Click to download

File Size   1603.7 Kbytes
Page   132 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces

KSZ8765CLX Datasheet (HTML) - Microchip Technology


KSZ8765CLX Product details

Target Applications
• Industrial Ethernet Applications that Employ IEEE
802.3-Compliant MACs. (Ethernet/IP, Profinet,
MODBUS TCP, etc.)
• VoIP Phone
• Set-Top/Game Box
• Automotive
• Industrial Control
• IPTV POF
• SOHO Residential Gateway with Full-Wire Speed
of Four LAN Ports
• Broadband Gateway/Firewall/VPN
• Integrated DSL/Cable Modem
• Wireless LAN Access Point + Gateway
• Standalone 10/100 Switch
• Networked Measurement and Control Systems

Features
• Management Capabilities
- The KSZ8765CLX Includes All the Functions
of a 10/100BASE-T/TX Switch System Which
Combines a Switch Engine, Frame Buffer
Management, Address Look-Up Table,
Queue Management, MIB Counters, Media
Access Controllers (MAC), and PHY Transceivers
- Non-Blocking Store-and-Forward Switch
Fabric Assures Fast Packet Delivery by Utilizing
a 1024-Entries Forwarding Table
- Port Mirroring/Monitoring/Sniffing: Ingress
and/or Egress Traffic to Any Port
- MIB Counters for Fully-Compliant Statistics
Gathering (36 Counters per Port)
- Support Hardware for Port-Based Flush and
Freeze Command in MIB Counter.
- Multiple Loopback of Remote, PHY, and MAC
Modes Support for the Diagnostics
- Rapid Spanning Tree Support (RSTP) for
Topology Management and Ring/LinearRecovery
• Robust PHY Ports
- Four Integrated IEEE 802.3/802.3u-Compliant
Ethernet Transceivers; Port 1 and Port 2
Support 100Base-FX, Port 3 and Port 4 Support
10/100Base-T/TX
- 802.1az EEE Supported
- On-Chip Termination Resistors and Internal
Biasing for Differential Pairs to Reduce
Power
- HP Auto MDI/MDI-X Crossover Support Eliminates
the Need to Differentiate Between
Straight or Crossover Cables in Applications
• MAC and GMAC Ports
- Four Internal Media Access Control (MAC1 to
MAC4) Units and One Internal Gigabit Media
Access Control (GMAC5) Unit
- GMII, RGMII, MII, or RMII Interfaces Support
for the Port 5 GMAC5 with Uplink
- 2 KByte Jumbo Packet Support
- Tail Tagging Mode (One Byte Added Before
FCS) Support on Port 5 to Inform the Processor
in which the Ingress Port Receives the
Packet and its Priority
- Supports Reduced Media Independent Interface
(RMII) with 50 MHz Reference Clock
Output
- Supports Media Independent Interface (MII)
in Either PHY Mode or MAC Mode on Port 5
- LinkMD® Cable Diagnostic Capabilities for
Determining Cable Opens, Shorts, and
Length
• Advanced Switch Capabilities
- Non-Blocking Store-and-Forward Switch
Fabric Assures Fast Packet Delivery by Utilizing
1024 Entry Forwarding Table
- 64 KB Frame Buffer RAM
- IEEE 802.1q VLAN Support for up to 128
Active VLAN Groups (Full-Range 4096 of
VLAN IDs)
- IEEE 802.1p/Q Tag Insertion or Removal on
a Per Port Basis (Egress)
- VLAN ID Tag/Untag Options on Per Port Basis
- Fully Compliant with IEEE 802.3/802.3u Standards
- IEEE 802.3x Full-Duplex with Force-Mode
Option and Half-Duplex Back-Pressure Collision
Flow Control
- IEEE 802.1w Rapid Spanning Tree Protocol
Support
- IGMP v1/v2/v3 Snooping for Multicast Packet
Filtering
- QoS/CoS Packets Prioritization Support:
802.1p, DiffServ-Based and Re-Mapping of
802.1p Priority Field Per Port Basis on Four
Priority Levels
- IPv4/IPv6 QoS Support
- IPV6 Multicast Listener Discovery (MLD)
Snooping
- Programmable Rate Limiting at the Ingress
and Egress Ports on a Per Port Basis
- Jitter-Free Per Packet Based Rate Limiting
Support
- Tail Tag Mode (1 byte Added before FCS)
Support on Port 5 to Inform the Processor
which Ingress Port Receives the Packet
- Broadcast Storm Protection with Percentage
Control (Global and Per Port Basis)
- 1K Entry Forwarding Table with 64 KB Frame
Buffer
- 4 Priority Queues with Dynamic Packet Mapping
for IEEE 802.1P, IPV4 TOS (DIFFSERV),
IPv6 Traffic Class, etc.
- Supports WoL Using AMD’s Magic Packet
- VLAN and Address Filtering
- Supports 802.1x Port-Based Security,
Authentication and MAC-Based Authentication
via Access Control Lists (ACL)
- Provides Port-Based and Rule-Based ACLs
to Support Layer 2 MAC SA/DA Address,
Layer 3 IP Address and IP Mask, Layer 4
TCP/UDP Port Number, IP Protocol, TCP
Flag and Compensation for the Port Security
Filtering
- Ingress and Egress Rate Limit Based on Bit
per Second (bps) and Packet-Based Rate
Limiting (pps)
• Configuration Registers Access
- High-Speed SPI (4-Wire, up to 25 MHz) Interface
to Access All Internal Registers
- MII Management (MIIM, MDC/MDIO 2-Wire)
Interface to Access All PHY Registers per
Clause 22.2.4.5 of the IEEE 802.3 Specification
- I/O Pin Strapping Facility to Set Certain Register
Bits from I/O Pins During Reset Time
- Control Registers Configurable On-the-Fly
• Power and Power Management
- Full-Chip Software Power-Down (All Register
Values are Not Saved and Strap-In value Will
Re-Strap after it Releases the Power-Down)
- Per-Port Software Power-Down
- Energy Detect Power-Down (EDPD), which
Disables the PHY Transceiver When Cables
are Removed
- Supports IEEE P802.3az Energy Efficient
Ethernet (EEE) to Reduce Power Consumption
in Transceivers in LPI State Even
Though Cables are Not Removed
- Dynamic Clock Tree Control to Reduce
Clocking in Areas that are Not in Use
- Low Power Consumption without Extra
Power Consumption on Transformers
- Voltages: Using External LDO Power Supplies
- Analog VDDAT 3.3V or 2.5V
- VDDIO Support 3.3V, 2.5V, and 1.8V
- Low 1.2V Voltage for Analog and Digital Core
Power
- WoL Support with Configurable Packet Control
• Additional Features
- Single 25 MHz +50 ppm Reference Clock
Requirement
- Comprehensive Programmable Two-LED
Indicator Support for Link, Activity, Full-/Half-
Duplex, and 10/100 Speed
• Packaging and Environmental
- Commercial Temperature Range: 0°C to
+70°C
- Industrial Temperature Range: –40°C to
+85°C
- Package Available in an 80-Pin LQFP, Lead-
Free (RoHS-Compliant) Package
- Supports Human Body Model (HBM) ESD Rating of 5 kV
- 0.065 μm CMOS Technology for Lower Power Consumption




Similar Part No. - KSZ8765CLX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLXCC MICROCHIP-KSZ8765CLXCC Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLXIC MICROCHIP-KSZ8765CLXIC Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
More results


Similar Description - KSZ8765CLX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
logo
Microsemi Corporation
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com