Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9031MNX Datasheet (PDF) - Microchip Technology

KSZ9031MNX Datasheet PDF - Microchip Technology
Part # KSZ9031MNX
Download  KSZ9031MNX Download
File Size   820.48 Kbytes
Page   73 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Gigabit Ethernet Transceiver with GMII/MII Support

KSZ9031MNX Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ9031MNX Datasheet PDF - Microchip Technology

Part # KSZ9031MNX
Download  KSZ9031MNX Click to download

File Size   820.48 Kbytes
Page   73 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Gigabit Ethernet Transceiver with GMII/MII Support

KSZ9031MNX Datasheet (HTML) - Microchip Technology


KSZ9031MNX Product details

Features
• Single-Chip 10/100/1000 Mbps Ethernet Transceiver
Suitable for IEEE 802.3 Applications
• GMII/MII Standard Interface with 3.3V/2.5V/1.8V
Tolerant I/Os
• Auto-Negotiation to Automatically Select the
Highest Link-Up Speed (10/100/1000 Mbps) and
Duplex (Half/Full)
• On-Chip Termination Resistors for the Differential
Pairs
• On-Chip LDO Controller to Support Single 3.3V
Supply Operation
• Jumbo Frame Support Up to 16 KB
• 125 MHz Reference Clock Output
• Energy-Detect Power-Down Mode for Reduced
Power Consumption When the Cable is Not
Attached
• Wake-On-LAN (WOL) Support with Robust Custom-
Packet Detection
• Programmable LED Outputs for Link, Activity, and
Speed
• Baseline Wander Correction
• LinkMD TDR-based Cable Diagnostic to Identify
Faulty Copper Cabling
• Parametric NAND Tree Support to Detect Faults
Between Chip I/Os and Board
• Loopback Modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swap at All Speeds of Operation
• Automatic Detection and Correction of Pair
Swaps, Pair Skew, and Pair Polarity
• MDC/MDIO Management Interface for PHY Register
Configuration
• Interrupt Pin Option
• Power-Down and Power-Saving Modes
• Operating Voltages
- Core (DVDDL, AVDDL, AVDDL_PLL): 1.2V
(External FET or Regulator)
- VDD I/O (DVDDH): 3.3V, 2.5V, or 1.8V
- Transceiver (AVDDH): 3.3V or 2.5V
(Commercial Temp.)
• 64-pin QFN (8 mm × 8 mm) Package

Target Applications
• Laser/Network Printer
• Network Attached Storage (NAS)
• Network Server
• Broadband Gateway
• Gigabit SOHO/SMB Router
• IPTV
• IP Set-Top Box
• Game Console
• IP Camera
• Triple-Play (Data, Voice, Video) Media Center
• Media Converter




Similar Part No. - KSZ9031MNX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9031MNX MICREL-KSZ9031MNX Datasheet
959Kb / 76P
The KSZ9031MNX is a completely integrated triple-speed (10Base-T/100Base-TX/1000Base-T) Ethernet physicallayer transceiver for transmission and reception of data on standard CAT-5 unshielded twisted pair (UTP) cable.
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9031MNX-EVAL MICREL-KSZ9031MNX-EVAL Datasheet
959Kb / 76P
The KSZ9031MNX is a completely integrated triple-speed (10Base-T/100Base-TX/1000Base-T) Ethernet physicallayer transceiver for transmission and reception of data on standard CAT-5 unshielded twisted pair (UTP) cable.
KSZ9031MNXCA MICREL-KSZ9031MNXCA Datasheet
959Kb / 76P
The KSZ9031MNX is a completely integrated triple-speed (10Base-T/100Base-TX/1000Base-T) Ethernet physicallayer transceiver for transmission and reception of data on standard CAT-5 unshielded twisted pair (UTP) cable.
logo
Microchip Technology
KSZ9031MNXCA MICROCHIP-KSZ9031MNXCA Datasheet
730Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
More results


Similar Description - KSZ9031MNX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
Gigabit Ethernet Transceiver with GMII / MII Support
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
Gigabit Ethernet Transceiver with RGMII Support
02/28/20
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
logo
Microsemi Corporation
VSC8541-01 MICROSEMI-VSC8541-01 Datasheet
1Mb / 100P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
logo
Microchip Technology
VSC8541-02 MICROCHIP-VSC8541-02 Datasheet
1Mb / 101P
Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
Revision 4.1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com