Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V51 Datasheet (PDF) - Microchip Technology

MCP6V51 Datasheet PDF - Microchip Technology
Part # MCP6V51
Download  MCP6V51 Download
File Size   5584.34 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 45V, 2 MHz Zero-Drift Op Amp with EMI Filtering

MCP6V51 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6V51 Datasheet PDF - Microchip Technology

Part # MCP6V51
Download  MCP6V51 Click to download

File Size   5584.34 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 45V, 2 MHz Zero-Drift Op Amp with EMI Filtering

MCP6V51 Datasheet (HTML) - Microchip Technology


MCP6V51 Product details

General Description
The Microchip Technology MCP6V51/2/4 operational
amplifiers employ dynamic offset correction for very
low offset and offset drift. These devices have a gain
bandwidth product of 2 MHz (typical). They are unity
gain stable, have virtually no 1/f noise and excellent
Power Supply Rejection Ratio (PSRR) and Common-
Mode Rejection Ratio (CMRR). These products
operate with a single or dual supply voltage that can
range from 4.5V to 45V (±2.25V to ±22.5V), while
drawing 470 μA/amp (typical) of quiescent current.
The MCP6V51/2/4 op amps are offered as single, dual
and quad channel amplifiers, and are designed using
an advanced CMOS process.

Features
• High DC Precision:
- VOS Drift: 36 nV/°C (max.)
- VOS: 15 μV (max.)
- Open-Loop Gain: 140 dB (min.)
- PSRR: 134 dB (min.)
- CMRR: 135 dB (min.)
• Low Noise:
- 10.2 nV/√ Hz at 1 kHz
- Eni: 0.21 μVP-P, f = 0.1 Hz to 10 Hz
• Low Power:
- IQ: 470 μA/Amplifier (typ.)
- Wide Single or Dual Supply Voltage Range:
4.5V to 45V, ±2.25V to ±22.5V
• Easy to Use:
- Input Range incl. Negative Rail
- Rail-to-Rail Output
- EMI Filtered Inputs
- Gain Bandwidth Product: 2 MHz
- Slew Rate 1.2V/μs
- Unity Gain Stable
• Small Packages:
- Single: SOT-23-5, MSOP-8
- Dual: MSOP-8, SOIC-8
- Quad: SOIC-14
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Industrial Instrumentation, PLC
• Process Control
• Power Control Loops
• Sensor Conditioning
• Electronic Weight Scales
• Medical Instrumentation
• Automotive Monitors
• High/Low-Side Current Sensing

Design Aids
• Microchip Advanced Part Selector (MAPS)
• SPICE Macro Models
• Application Notes




Similar Part No. - MCP6V51

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51-E/MS MICROCHIP-MCP6V51-E/MS Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51T-E/MS MICROCHIP-MCP6V51T-E/MS Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V51T-E/OT MICROCHIP-MCP6V51T-E/OT Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
More results


Similar Description - MCP6V51

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V51 MICROCHIP-MCP6V51 Datasheet
3Mb / 43P
45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
08/15/18
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com