Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9031RNXIC Datasheet (PDF) - Microchip Technology

KSZ9031RNXIC Datasheet PDF - Microchip Technology
Part # KSZ9031RNXIC
Download  KSZ9031RNXIC Download
File Size   866.93 Kbytes
Page   81 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Gigabit Ethernet Transceiver with RGMII Support

KSZ9031RNXIC Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ9031RNXIC Datasheet PDF - Microchip Technology

Part # KSZ9031RNXIC
Download  KSZ9031RNXIC Click to download

File Size   866.93 Kbytes
Page   81 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Gigabit Ethernet Transceiver with RGMII Support

KSZ9031RNXIC Datasheet (HTML) - Microchip Technology


KSZ9031RNXIC Product details

Features
• Single-Chip 10/100/1000 Mbps Ethernet Transceiver
Suitable for IEEE 802.3 Applications
• RGMII Timing Supports On-Chip Delay According
to RGMII Version 2.0, with Programming Options
for External Delay and Making Adjustments and
Corrections to TX and RX Timing Paths
• RGMII with 3.3V/2.5V/1.8V Tolerant I/Os
• Auto-Negotiation to Automatically Select the
Highest Link-Up Speed (10/100/1000 Mbps) and
Duplex (Half/Full)
• On-Chip Termination Resistors for the Differential
Pairs
• On-Chip LDO Controller to Support Single 3.3V
Supply Operation – Requires Only One External
FET to Generate 1.2V for the Core
• Jumbo Frame Support up to 16 KB
• 125 MHz Reference Clock Output
• Energy Detect Power-Down Mode for Reduced
Power Consumption When the Cable is Not
Attached
• Wake-On-LAN (WOL) Support with Robust Custom-
Packet Detection
• Programmable LED Outputs for Link, Activity, and
Speed
• Baseline Wander Correction
• LinkMD TDR-Based Cable Diagnostic to Identify
Faulty Copper Cabling
• Parametric NAND Tree Support to Detect Faults
Between Chip I/Os and Board
• Loopback Modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swap at all Speeds of Operation
• Automatic Detection and Correction of Pair
Swaps, Pair Skew, and Pair Polarity
• MDC/MDIO Management Interface for PHY Register
Configuration
• Interrupt Pin Option
• Power-Down and Power-Saving Modes
• Operating Voltages
- Core (DVDDL, AVDDL, AVDDL_PLL): 1.2V
(External FET or Regulator)
- VDD I/O (DVDDH): 3.3V, 2.5V, or 1.8V
- Transceiver (AVDDH): 3.3V or 2.5V (Commercial
Temp.)
• AEC-Q100 Grade 3 (KSZ9031RNXUA/UB) and
Grade 2 (KSZ9031RNXVA/VB) Qualified for Automotive

Applications
• 48-pin QFN (7 mm × 7 mm) Package
Target Applications
• Laser/Network Printer
• Network Attached Storage (NAS)
• Network Server
• Gigabit LAN on Motherboard (GLOM)
• Broadband Gateway
• Gigabit SOHO/SMB Router
• IPTV
• IP Set-Top Box
• Game Console
• Triple-Play (Data, Voice, Video) Media Center
• Industrial Control
• Automotive In-Vehicle Networking




Similar Part No. - KSZ9031RNXIC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9031RNXIC MICREL-KSZ9031RNXIC Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNXIC MICROCHIP-KSZ9031RNXIC Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
More results


Similar Description - KSZ9031RNXIC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
Single-port Gigabit Transceiver with RGMII Support
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
Gigabit Ethernet Transceiver with GMII / MII Support
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
Gigabit Ethernet Transceiver with RGMII Support
02/28/20
KSZ9031MNX MICROCHIP-KSZ9031MNX_V01 Datasheet
820Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com