Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S53209TC441 Datasheet (PDF) - Molex Electronics Ltd.

S53209TC441 Datasheet PDF - Molex Electronics Ltd.
Part # S53209TC441
Download  S53209TC441 Download
File Size   370.33 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description CONNECTOR 532 PG09 BLACK H12

S53209TC441 Datasheet (PDF)

Go To PDF Page Download Datasheet
S53209TC441 Datasheet PDF - Molex Electronics Ltd.

Part # S53209TC441
Download  S53209TC441 Click to download

File Size   370.33 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description CONNECTOR 532 PG09 BLACK H12

S53209TC441 Datasheet (HTML) - Molex Electronics Ltd.


S53209TC441 Product details

TECHNICAL SPECIFICATION:
OPERATING CURRENT: 16A
CONTACT RESISTANCE: <15 mOhms MAX.
OPERATING TEMPERATURE:
NBR GASKET: -40° TO +90°C
SILICONE GASKET: -40° TO 125°C




Similar Part No. - S53209TC441

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
S53 CONNOR-WINFIELD-S53 Datasheet
55Kb / 1P
8 PIN DIP HCMOS
logo
List of Unclassifed Man...
S530-A2 ETC1-S530-A2 Datasheet
216Kb / 5P
Dot Matrix Displays
logo
Everlight Electronics C...
S530-A3 EVERLIGHT-S530-A3 Datasheet
88Kb / 4P
5.0mm Round Type LED Lamps
S530-A3 EVERLIGHT-S530-A3 Datasheet
149Kb / 5P
0.39inch Single Digit Displays
2004/06/18
S530-A3 EVERLIGHT-S530-A3 Datasheet
126Kb / 6P
3.0mm Round Type LED Lamps
More results


Similar Description - S53209TC441

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSX532 FAIRCHILD-MSX532 Datasheet
677Kb / 36P
532 Port Digital Crosspoint Switch with LVTTL I/O?셲
logo
JDS Uniphase Corporatio...
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
Continuous Wave 532 nm Diode-Pumped Solid State Laser
logo
Crydom Inc.,
H12 CRYDOM-H12_12 Datasheet
796Kb / 5P
H12 Series
logo
Axiomtek Co., Ltd.
EBOX532-100ASM AXIOMTEK-EBOX532-100ASM Datasheet
72Kb / 1P
EBOX-532
logo
Molex Electronics Ltd.
98197-0001 MOLEX11-98197-0001 Datasheet
55Kb / 1P
2.54mm Pitch MOX FFC Connector, 3 Circuits, Black
logo
PHOENIX CONTACT
2702308 PHOENIX-2702308 Datasheet
56Kb / 3P
Connector for series connection, black, 3-pos.
logo
Molex Electronics Ltd.
1210400295 MOLEX-1210400295 Datasheet
46Kb / 1P
mPm DIN Valve Connector, Form B - 11mm, 2 Pole Plus Ground Position H12, to 1.0m
1210640102 MOLEX-1210640102 Datasheet
1,000Kb / 8P
S022 PG9 T WPCB A1 12V RED LED H12
2019/11/11
logo
ATGBICS by Approved Tec...
SFP-532-C ATGBICS-SFP-532-C Datasheet
374Kb / 10P
SFP-532 Gigamon Systems Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com