Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P174FCT2273T Datasheet (PDF) - Pericom Semiconductor Corporation

P174FCT2273T Datasheet PDF - Pericom Semiconductor Corporation
Part # P174FCT2273T
Download  P174FCT2273T Download
File Size   49.94 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal D Flip-Flop with Master Reset

P174FCT2273T Datasheet (PDF)

Go To PDF Page Download Datasheet
P174FCT2273T Datasheet PDF - Pericom Semiconductor Corporation

Part # P174FCT2273T
Download  P174FCT2273T Click to download

File Size   49.94 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Octal D Flip-Flop with Master Reset

P174FCT2273T Datasheet (HTML) - Pericom Semiconductor Corporation


P174FCT2273T Product details

Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.6/0.8 micron CMOS technology, achieving industry leading speed grades. All PI74FCT2XXX devices have a built-in 25-ohm series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor.

Product Features
• PI74FCT273/2273T is pin compatible with bipolar FAST™ Series at a higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 20-pin 173 mil wide plastic TSSOP (L)
    – 20-pin 300 mil wide plastic DIP (P)
    – 20-pin 150 mil wide plastic QSOP (Q)
    – 20-pin 150 mil wide plastic TQSOP (R)
    – 20-pin 300 mil wide plastic SOIC (S)




Similar Part No. - P174FCT2273T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P174-4 ETC2-P174-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
P174-4 ETC2-P174-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
logo
PerkinElmer Optoelectro...
P174LPTI6373 PERKINELMER-P174LPTI6373 Datasheet
547Kb / 7P
Fast CMOS 3.3V 16-BitTransparent Latch
More results


Similar Description - P174FCT2273T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
QUAD D FLIP-FLOP WITH MASTER RESET
logo
Integrated Device Techn...
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
Fast CMOS Octal D Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com