Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTB32B Datasheet (PDF) - Analog Technologies, Inc.

ATTB32B Datasheet PDF - Analog Technologies, Inc.
Part # ATTB32B
Download  ATTB32B Download
File Size   143.6 Kbytes
Page   2 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Ultra Small High Temperature Plastic Tubing

ATTB32B Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTB32B Datasheet PDF - Analog Technologies, Inc.

Part # ATTB32B
Download  ATTB32B Click to download

File Size   143.6 Kbytes
Page   2 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Ultra Small High Temperature Plastic Tubing

ATTB32B Datasheet (HTML) - Analog Technologies, Inc.


ATTB32B Product details

FEATURES
* Wide Operating Temperature Range: –234 C to
260 C
* Light Weight
* Can Be Steam or Chemically Sterilized
* Excellent Dielectric Insulation Properties
* Chemical Inert
* Corrosion Resistant
* Low Coefficient of Friction
* Flame Resistant: UL 94 VO
* Biocompatible: USP Class VI
* Indefinite Shelf Life
* Exceptional Mechanical Resistance under Severe
Conditions

DESCRIPTION
The material of ATTB32B tubing is
Polytetrafluoroethylene (PTFE). PTFE is a
thermoplastic polymer, whose properties are gained
from the aggregate effect of carbon-fluorine bonds.
PTFE’s coefficient of friction is as low as 0.05 to 0.10,
which is known as the third lowest of solid materials.
The temperature range is from –234 C (–454 F) to
260 C (500 F). Its high melting temperature makes it
suitable for use in high temperature applications.
Combined with its chemical inertness and chemical
resistance, PTFE outperforms glass and graphite,
making it an excellent material for chemical and
analytical researches and fluid transfers. It can be steam
sterilized with its physical properties unaffected, such as
its surface hardness, flex life and deformation under
load. All these features make this PTFE tubing an
excellent choice as protection from chemical contact or
temperature extremes.
PTFE is translucent white in color. However, the degree
of the whiteness varies from lot to lot. Colored tubing is
also available. Figure 1.1 and 1.2 are the physical photos
of ATTB32B.
This tubing is an extruded tubing, and the inside
diameter is 0.25mm. See Table 1 below for detailed
specifications. Figure 2 shows the dimensions of
ATTB32B.




Similar Part No. - ATTB32B

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
More results


Similar Description - ATTB32B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
MAX6501 ONSEMI-MAX6501 Datasheet
125Kb / 12P
Ultra Small Temperature Switch
February, 2003 - Rev. 2
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
logo
Analog Technologies, In...
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com