Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HANDI-VAC Datasheet (PDF) - Analog Technologies, Inc.

HANDI-VAC Datasheet PDF - Analog Technologies, Inc.
Part # HANDI-VAC
Download  HANDI-VAC Download
File Size   119.66 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Vacuum Sucking Pen

HANDI-VAC Datasheet (PDF)

Go To PDF Page Download Datasheet
HANDI-VAC Datasheet PDF - Analog Technologies, Inc.

Part # HANDI-VAC
Download  HANDI-VAC Click to download

File Size   119.66 Kbytes
Page   4 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Vacuum Sucking Pen

HANDI-VAC Datasheet (HTML) - Analog Technologies, Inc.


HANDI-VAC Product details

FEATURES
ESD safe
Low cost
Light weight
Small volume
Strong suction

APPLICATIONS
It’s widely used in SMT parts, metal parts, plastic parts or
any item having a smooth and nonporous surface that the
rubber vacuum tweezer tip can seal against.

DESCRIPTION
HANDI-VAC Kit is a pick and place tool, which is simple to
operate. It includes 4 probes and 4 cups. The kit includes one
bent and one straight probe with 1/8" (3.18mm) diameter
vacuum cups, one bent probe with 1/4" (6.35mm) diameter
vacuum cup, and one straight probe with 3/8" (9.53mm)
diameter vacuum cup. Use the larger cups to pick up larger
and heavier parts.
Cup is made of anti-static material and free of silicone. There
is no damage and pollution to the product.
It is especially convenient to drain electronic components
and small product.




Similar Part No. - HANDI-VAC

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
HANDHELD 865 DW-3-EU SENNHEISER-HANDHELD 865 DW-3-EU Datasheet
192Kb / 3P
SpeechLine Digital Wireless
V2.2
HANDHELD 865 DW-4-US SENNHEISER-HANDHELD 865 DW-4-US Datasheet
192Kb / 3P
SpeechLine Digital Wireless
V2.2
logo
Freescale Semiconductor...
Handwound FREESCALE-Handwound Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
HANDWOUND NXP-HANDWOUND Datasheet
634Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 09/2018
More results


Similar Description - HANDI-VAC

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN4 PEAK-PEN4_14 Datasheet
140Kb / 3P
PEN-SERIES
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
Interactive pen
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
PEN RECORDER
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
Marker pen - CMS-PEN-D/AD 0,25
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
Marker pen - CMS-PEN 0,35
09/12/2020
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
logo
Analog Technologies, In...
LP200 ANALOGTECHNOLOGIES-LP200 Datasheet
167Kb / 4P
Vacuum Sucking Pen
1/17/2013
P-831 ANALOGTECHNOLOGIES-P-831 Datasheet
151Kb / 4P
Vacuum Sucking Pen
1/17/2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com