Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9515 Datasheet (PDF) - Analog Devices

AD9515 Datasheet PDF - Analog Devices
Part # AD9515
Download  AD9515 Download
File Size   407.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs

AD9515 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9515 Datasheet PDF - Analog Devices

Part # AD9515
Download  AD9515 Click to download

File Size   407.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs

AD9515 Datasheet (HTML) - Analog Devices


AD9515 Product details

GENERAL DESCRIPTION
The AD9515 features a two-output clock distribution IC in a
design that emphasizes low jitter and phase noise to maximize
data converter performance. Other applications with
demanding phase noise and jitter requirements also benefit
from this part.
There are two independent clock outputs. One output is
LVPECL, while the other output can be set to either LVDS or
CMOS levels. The LVPECL output operates to 1.6 GHz. The
other output operates to 800 MHz in LVDS mode and to
250 MHz in CMOS mode.
Each output has a programmable divider that can be set to
divide by a selected set of integers ranging from 1 to 32. The
phase of one clock output relative to the other clock output can
be set by means of a divider phase select function that serves as
a coarse timing adjustment.
The LVDS/CMOS output features a delay element with three
selectable full-scale delay values (1.5 ns, 5 ns, and 10 ns), each
with 16 steps of fine adjustment.
The AD9515 does not require an external controller for
operation or setup. The device is programmed by means of
11 pins (S0 to S10) using 4-level logic. The programming pins
are internally biased to ⅓ VS. The VREF pin provides a level of
⅔ VS. VS (3.3 V) and GND (0 V) provide the other two logic levels.
The AD9515 is ideally suited for data converter clocking
applications where maximum converter performance is
achieved by encode signals with subpicosecond jitter.
The AD9515 is available in a 32-lead LFCSP and operates from
a single 3.3 V supply. The temperature range is −40°C to +85°C.

FEATURES
1.6 GHz differential clock input
2 programmable dividers
Divide-by in range from1 to 32
Phase select for coarse delay adjust
1.6 GHz LVPECL clock output
Additive output jitter 225 fs rms
800 MHz/250 MHz LVDS/CMOS clock output
Additive output jitter 300 fs rms/290 fs rms
Time delays up to 10 ns
Device configured with 4-level logic pins
Space-saving, 32-lead LFCSP

APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
ATE




Similar Part No. - AD9515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9515/PCB AD-AD9515/PCB Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9515BCPZ AD-AD9515BCPZ Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9515BCPZ-REEL7 AD-AD9515BCPZ-REEL7 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
More results


Similar Description - AD9515

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9511 AD-AD9511 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
AD9510 AD-AD9510 Datasheet
597Kb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
5/05-Rev. 0 to Rev. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com