Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10TTS08S Datasheet (PDF) - Vishay Siliconix

10TTS08S Datasheet PDF - Vishay Siliconix
Part # 10TTS08S
Download  10TTS08S Download
File Size   104.96 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 10 A

10TTS08S Datasheet (PDF)

Go To PDF Page Download Datasheet
10TTS08S Datasheet PDF - Vishay Siliconix

Part # 10TTS08S
Download  10TTS08S Click to download

File Size   104.96 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mountable Phase Control SCR, 10 A

10TTS08S Datasheet (HTML) - Vishay Siliconix


10TTS08S Product details

DESCRIPTION/FEATURES
The 10TTS08S High Voltage Series of silicon controlled
rectifiers are specifically designed for medium power
switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
Typical applications are in input rectification (soft start) and
these products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
This product has been designed and qualified for industrial
level.




Similar Part No. - 10TTS08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10TTS08S IRF-10TTS08S Datasheet
85Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
Surface Mountable Phase Control SCR, 10 A
24-Apr-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
598Kb / 7P
Surface Mountable Phase Control SCR, 10 A
08-Jun-10
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
Surface Mountable Phase Control SCR, 10 A
08-Jun-10
logo
International Rectifier
10TTS08STRL IRF-10TTS08STRL Datasheet
85Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
More results


Similar Description - 10TTS08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS IRF-25TTS Datasheet
313Kb / 7P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
Surface Mountable Phase Control SCR, 10 A
24-Apr-08
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
Surface Mountable Phase Control SCR, 16 A
04-Jul-08
25TTSSPBF VISHAY-25TTSSPBF Datasheet
150Kb / 7P
Surface Mountable Phase Control SCR, 16 A
06-Aug-08
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
Surface Mountable Phase Control SCR, 10 A
08-Jun-10
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
Surface Mountable Phase Control SCR, 16 A
08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
Surface Mountable Phase Control SCR, 16 A
16-Jul-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com