Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZB Datasheet (PDF) - Vishay Siliconix

CZB Datasheet PDF - Vishay Siliconix
Part # CZB
Download  CZB Download
File Size   124.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Chip Attenuator, Surface Mount, Balanced ? Type

CZB Datasheet (PDF)

Go To PDF Page Download Datasheet
CZB Datasheet PDF - Vishay Siliconix

Part # CZB
Download  CZB Click to download

File Size   124.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thick Film Chip Attenuator, Surface Mount, Balanced ? Type

CZB Datasheet (HTML) - Vishay Siliconix


CZB Product details

FEATURES
• Single component reduces board space and
component counts - replaces 3 or more
components
• Tolerance matching and temperature tracking
superior to individual components
• Maximum power dissipation: 0.075 W for
CZB06S
• Consult factory for extended values,
non-standard tolerances, impedance matching and other
attenuation values
• Frequency range: DC to 3 GHz
• Surface mount chip attenuator in a resistor array package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CZB VISHAY-CZB Datasheet
116Kb / 3P
Thick Film Chip Attenuator, Surface Mount, Balanced Type
14-May-14
logo
Lumberg
CZB03-0364 LUMBERG-CZB03-0364 Datasheet
242Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
CZB03-0364 LUMBERG-CZB03-0364 Datasheet
350Kb / 3P
Tools and harnessing machines
CZB03-0364 LUMBERG-CZB03-0364 Datasheet
325Kb / 3P
Tools and harnessing machines
11/2022
CZB03-0364 LUMBERG-CZB03-0364_V01 Datasheet
325Kb / 3P
Tools and harnessing machines
11/2022
More results


Similar Description - CZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CZA VISHAY-CZA Datasheet
108Kb / 3P
Thick Film Chip Resistor Attenuator, Surface Mount
27-Apr-10
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
86Kb / 4P
Thick Film Surface Mount Chip Resistors
18-Nov-13
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor, Surface Mount Chip
07-Aug-14
M VISHAY-M Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
07-Aug-14
RCWE VISHAY-RCWE Datasheet
93Kb / 4P
Thick Film Surface Mount Chip Resistors,
07-Oct-15
CZB VISHAY-CZB Datasheet
116Kb / 3P
Thick Film Chip Attenuator, Surface Mount, Balanced Type
14-May-14
RCWK0306 VISHAY-RCWK0306 Datasheet
355Kb / 4P
Thick Film Surface Mount Chip Resistors, Current Sensor, 4-Terminal
24-Feb-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com