Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-40MT060WFHT Datasheet (PDF) - Vishay Siliconix

VS-40MT060WFHT Datasheet PDF - Vishay Siliconix
Part # VS-40MT060WFHT
Download  VS-40MT060WFHT Download
File Size   275.68 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FULL BRIDGE IGBT AND MOSFET MTP POWER MODULE

VS-40MT060WFHT Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-40MT060WFHT Datasheet PDF - Vishay Siliconix

Part # VS-40MT060WFHT
Download  VS-40MT060WFHT Click to download

File Size   275.68 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FULL BRIDGE IGBT AND MOSFET MTP POWER MODULE

VS-40MT060WFHT Datasheet (HTML) - Vishay Siliconix


VS-40MT060WFHT Product details

FEATURES
•Generation 4 warp speed IGBT and power MOSFET technology
•HEXFRED® antiparallel diodes with ultrasoft reverse recovery
•Very low conduction and switching losses
•Operating frequency up to 100 kHz
•Designed and qualified for industrial level
•Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

BENEFITS
•Optimized for welding, UPS and SMPS applications
•Low EMI, requires less snubbing
•Direct mounting to heatsink
•PCB solderable terminals
•Very low stray inductance design for high speed operation




Similar Part No. - VS-40MT060WFHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF Datasheet
196Kb / 10P
“Half Bridge” MTP Trench IGBT, 75 A
26-Jul-2021
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF Datasheet
196Kb / 10P
“Half Bridge” MTP Trench IGBT, 75 A
26-Jul-2021
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF_V01 Datasheet
196Kb / 10P
“Half Bridge” MTP Trench IGBT, 75 A
26-Jul-2021
VS-40MT120UHAPBF VISHAY-VS-40MT120UHAPBF Datasheet
287Kb / 13P
IGBT MTP
18-Jun-15
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
More results


Similar Description - VS-40MT060WFHT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25MT060WF IRF-25MT060WF Datasheet
80Kb / 3P
FULL-BRIDGE IGBT MTP
19MT050XF IRF-19MT050XF Datasheet
188Kb / 10P
FULL BRIDGE FREDFET MTP HEXFET POWER MOSFET
logo
Microsemi Corporation
APTGF25H120T3G MICROSEMI-APTGF25H120T3G Datasheet
291Kb / 6P
Full - Bridge NPT IGBT Power Module
logo
Vishay Siliconix
25MT060WFAPBF VISHAY-25MT060WFAPBF Datasheet
329Kb / 9P
"Full Bridge" IGBT MTP (Warp Speed IGBT), 50 A
01-Mar-09
20MT120UFAPBF VISHAY-20MT120UFAPBF Datasheet
222Kb / 11P
"Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 20 A
03-Aug-10
VS-20MT120UFAPBF VISHAY-VS-20MT120UFAPBF Datasheet
230Kb / 11P
“Full Bridge” IGBT MTP (Ultrafast NPT IGBT), 20 A
10-Jun-15
VS-20MT120PFP VISHAY-VS-20MT120PFP Datasheet
216Kb / 10P
“Full Bridge” IGBT MTP (TrenchStop IGBT), 57 A
26-Jul-2021
VS-50MT060TFT VISHAY-VS-50MT060TFT Datasheet
532Kb / 9P
Full Bridge TrenchStop IGBT, MTP Power Modules
26-Oct-2022
VS-20MT120PFP VISHAY-VS-20MT120PFP_V01 Datasheet
217Kb / 10P
“Full Bridge” IGBT MTP (TrenchStop IGBT), 57 A
26-Jul-2021
VS-50MT060TFT VISHAY-VS-50MT060TFT_V01 Datasheet
533Kb / 9P
Full Bridge TrenchStop IGBT, MTP Power Modules
26-Oct-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com