Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1R3 Datasheet (PDF) - AiT Semiconductor Inc.

1R3 Datasheet PDF - AiT Semiconductor Inc.
Part # 1R3
Download  1R3 Download
File Size   718.61 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description WIRE WOUND SMD INDUCTOR

1R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1R3 Datasheet PDF - AiT Semiconductor Inc.

Part # 1R3
Download  1R3 Click to download

File Size   718.61 Kbytes
Page   4 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description WIRE WOUND SMD INDUCTOR

1R3 Datasheet (HTML) - AiT Semiconductor Inc.


1R3 Product details

●FEATURE
1. Low core loss for high frequency power application
2. Large terminal surface

●APPLICATION
1. Portable communication equipment, notebook computer




Similar Part No. - 1R3

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
1R3 PRODUCTWELL-1R3 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Molex Electronics Ltd.
1R3000A20M030 MOLEX-1R3000A20M030 Datasheet
28Kb / 1P
Brad Mini-Change Connectors
10/13/2017
1R3006A24F060 MOLEX11-1R3006A24F060 Datasheet
175Kb / 2P
Mini-Change A-Size Receptacle with Leads, 1/2" - 14NPT Threads, Straight Male, 3 Poles, Length
1R3006A28M005G MOLEX-1R3006A28M005G Datasheet
40Kb / 2P
BradPower Cordsets and Receptacles
09/27/2022
More results


Similar Description - 1R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSC AITSEMI-WSC Datasheet
348Kb / 3P
WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
WSF AITSEMI-WSF Datasheet
464Kb / 15P
WIRE WOUND SMD INDUCTOR
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSM AITSEMI-WSM Datasheet
272Kb / 3P
WIRE WOUND SMD INDUCTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com