Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FQD2N60C Datasheet (PDF) - ON Semiconductor

FQD2N60C Datasheet PDF - ON Semiconductor
Part # FQD2N60C
Download  FQD2N60C Download
File Size   979.34 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓

FQD2N60C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD2N60C Datasheet PDF - ON Semiconductor

Part # FQD2N60C
Download  FQD2N60C Click to download

File Size   979.34 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓

FQD2N60C Datasheet (HTML) - ON Semiconductor


FQD2N60C Product details

Description
This N-Channel enhancement mode power MOSFET is
produced using ON Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.

Features
• 1.9 A, 600 V, RDS(on) = 4.7 Ω (Max.) @ VGS = 10 V, ID = 0.95 A
• Low Gate Charge (Typ. 8.5 nC)
• Low Crss (Typ. 4.3 pF)
• 100% Avalanche Tested
• RoHS Compliant




Similar Part No. - FQD2N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
617Kb / 9P
600V N-Channel MOSFET
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
748Kb / 9P
N-Channel QFET짰 MOSFET
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
742Kb / 9P
N-Channel QFET짰 MOSFET
logo
Kersemi Electronic Co.,...
FQD2N60C KERSEMI-FQD2N60C Datasheet
842Kb / 8P
N-Channel QFET MOSFET
logo
Fairchild Semiconductor
FQD2N60C FAIRCHILD-FQD2N60C Datasheet
863Kb / 9P
600V N-Channel MOSFET
More results


Similar Description - FQD2N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
FQPF8N60CT FAIRCHILD-FQPF8N60CT Datasheet
829Kb / 8P
N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com