Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301530195 Datasheet (PDF) - Molex Electronics Ltd.

1301530195 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530195
Download  1301530195 Download
File Size   312.3 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN

1301530195 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530195 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530195
Download  1301530195 Click to download

File Size   312.3 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN

1301530195 Datasheet (HTML) - Molex Electronics Ltd.


1301530195 Product details

TECHNICAL
LISTED: UL & CSA
RATED SUPPLY VOLTAGE: 120VAC, 240VAC
RATED CURRENT: UP TO 30 AMPS
RESET TYPE: MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 4-6 mA
OVERLOAD CURRENT: 180 AMP
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS
GFCI ENCLOSURE: NEMA 3R




Similar Part No. - 1301530195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530190 MOLEX-1301530190 Datasheet
36Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, NEMA L6-30, 30A, 240V, 1.83m (6.0) Cord Length
03/04/2021
1301530191 MOLEX11-1301530191 Datasheet
37Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase,
1301530191 MOLEX1-1301530191 Datasheet
37Kb / 1P
Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
1301530191 MOLEX-1301530191 Datasheet
296Kb / 1P
30A/240V GFCI AUTO 2FT SUPER-SAFEWAY NEMA L6
2021/08/17
1301530192 MOLEX-1301530192 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
More results


Similar Description - 1301530195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
1301530173 MOLEX-1301530173 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530178 MOLEX-1301530178 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530192 MOLEX-1301530192 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530198 MOLEX-1301530198 Datasheet
312Kb / 1P
GFCI IN-LINE 30A WITH WATERTITE PLUG &CONN
2022/01/18
1301530054 MOLEX-1301530054 Datasheet
271Kb / 1P
GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530055 MOLEX-1301530055 Datasheet
271Kb / 1P
GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530060 MOLEX-1301530060 Datasheet
271Kb / 1P
GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530064 MOLEX-1301530064 Datasheet
271Kb / 1P
GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
1301530067 MOLEX-1301530067 Datasheet
271Kb / 1P
GFCI IN-LINE 15A W/WATERTITE PLUG & CONNECTOR
2022/04/28
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com