Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0709864 Datasheet (PDF) - PHOENIX CONTACT

0709864 Datasheet PDF - PHOENIX CONTACT
Part # 0709864
Download  0709864 Download
File Size   491.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFK 10-HV

0709864 Datasheet (PDF)

Go To PDF Page Download Datasheet
0709864 Datasheet PDF - PHOENIX CONTACT

Part # 0709864
Download  0709864 Click to download

File Size   491.15 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFK 10-HV

0709864 Datasheet (HTML) - PHOENIX CONTACT


0709864 Product details

Panel feed-through terminal block, connection method: Screw connection with tension sleeve,Screw connection with tension sleeve, number of positions: 1, load current: 57 A, cross section:0.5 mm2 - 16 mm2, connection direction of the conductor to plug-in direction: 0 °, width: 10.1 mm,color: gray

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Tool-free snap-in principle enables easy mounting on the device panel
• Automatic panel thickness compensation enables universal use




Similar Part No. - 0709864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0709806 PHOENIX-0709806 Datasheet
46Kb / 2P
Panel feed-through terminal block - HDFK 16 I
logo
Molex Electronics Ltd.
0709821002 MOLEX8-0709821002 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821003 MOLEX8-0709821003 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821004 MOLEX8-0709821004 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821005 MOLEX8-0709821005 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
More results


Similar Description - 0709864

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707073 PHOENIX-0707073 Datasheet
78Kb / 6P
Feed-through terminal block - HDFK 10
0707840 PHOENIX-0707840 Datasheet
49Kb / 3P
Panel feed-through terminal block - HDFK 10I
0708276 PHOENIX-0708276 Datasheet
48Kb / 3P
Panel feed-through terminal block - HDFK 25A
0708289 PHOENIX-0708289 Datasheet
48Kb / 3P
Panel feed-through terminal block - HDFK 25I
0709754 PHOENIX-0709754 Datasheet
57Kb / 4P
Panel feed-through terminal block - HDFK 10/Z
0711098 PHOENIX-0711098 Datasheet
45Kb / 2P
Panel feed-through terminal block - HDFK 95A
0714024 PHOENIX-0714024 Datasheet
85Kb / 7P
Panel feed-through terminal block - HDFK 10-HV/Z
0717238 PHOENIX-0717238 Datasheet
110Kb / 6P
Panel feed-through terminal block - HDFKV 10-HV
0717393 PHOENIX-0717393 Datasheet
129Kb / 8P
Panel feed-through terminal block - HDFK 10-VP-HV
0717050 PHOENIX-0717050 Datasheet
498Kb / 15P
Panel feed-through terminal block - HDFK 10-VP/Z
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com