Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3270352 Datasheet (PDF) - PHOENIX CONTACT

3270352 Datasheet PDF - PHOENIX CONTACT
Part # 3270352
Download  3270352 Download
File Size   656.76 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5/32-3 /BU

3270352 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270352 Datasheet PDF - PHOENIX CONTACT

Part # 3270352
Download  3270352 Click to download

File Size   656.76 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5/32-3 /BU

3270352 Datasheet (HTML) - PHOENIX CONTACT


3270352 Product details

Marshalling patchboard, Labeled from 1 - 32, without actuation lever, nom. voltage: 500 V,
nominal current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5
mm2, mounting: Wall mounting, color: gray, color of connection elements: blue

Your advantages
• Tool-free wiring in a confined space thanks to compact size
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• For mounting in a panel cutout
• Blue version for using in intrinsically safe circuits in potentially explosive areas (type of protection Ex i)
• Clear representation of actuation and terminal points through vertical conductor routing




Similar Part No. - 3270352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270350 PHOENIX-3270350 Datasheet
655Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3
Jun 13, 2022
3270351 PHOENIX-3270351 Datasheet
648Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3 19Z
Jun 13, 2022
3270353 PHOENIX-3270353 Datasheet
649Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3 /BU 19Z
Jun 13, 2022
3270354 PHOENIX-3270354 Datasheet
643Kb / 22P
Marshalling patchboard - FTMC 1,5/32-2
Jun 13, 2022
3270355 PHOENIX-3270355 Datasheet
644Kb / 22P
Marshalling patchboard - FTMC 1,5/32-2 /BU
Jun 13, 2022
More results


Similar Description - 3270352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270450 PHOENIX-3270450 Datasheet
618Kb / 28P
Marshalling patchboard - FTMC 1,5-2 /BU
Jun 3, 2022
3270366 PHOENIX-3270366 Datasheet
743Kb / 21P
Marshalling patchboard - FTMC 1,5/80-3 /BU
Jun 10, 2022
3270367 PHOENIX-3270367 Datasheet
739Kb / 22P
Marshalling patchboard - FTMC 1,5/80-3 /BU 19Z
Jun 7, 2022
3270440 PHOENIX-3270440 Datasheet
618Kb / 28P
Marshalling patchboard - FTMC 1,5-3 /BU
Jun 7, 2022
3270357 PHOENIX-3270357 Datasheet
642Kb / 22P
Marshalling patchboard - FTMC 1,5/32-2H /BU 19Z
Jun 10, 2022
3270360 PHOENIX-3270360 Datasheet
682Kb / 22P
Marshalling patchboard - FTMC 1,5/48-3 /BU
Jun 10, 2022
3270353 PHOENIX-3270353 Datasheet
649Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3 /BU 19Z
Jun 13, 2022
3270355 PHOENIX-3270355 Datasheet
644Kb / 22P
Marshalling patchboard - FTMC 1,5/32-2 /BU
Jun 13, 2022
3270350 PHOENIX-3270350 Datasheet
655Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3
Jun 13, 2022
3270351 PHOENIX-3270351 Datasheet
648Kb / 22P
Marshalling patchboard - FTMC 1,5/32-3 19Z
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com