Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP16-DL5-R-12B4S-W1-G Datasheet (PDF) - C&K Components

ATP16-DL5-R-12B4S-W1-G Datasheet PDF - C&K Components
Part # ATP16-DL5-R-12B4S-W1-G
Download  ATP16-DL5-R-12B4S-W1-G Download
File Size   841.82 Kbytes
Page   4 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Anti-Vandal Sealed Pushbutton Switch

ATP16-DL5-R-12B4S-W1-G Datasheet (PDF)

Go To PDF Page Download Datasheet
ATP16-DL5-R-12B4S-W1-G Datasheet PDF - C&K Components

Part # ATP16-DL5-R-12B4S-W1-G
Download  ATP16-DL5-R-12B4S-W1-G Click to download

File Size   841.82 Kbytes
Page   4 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Anti-Vandal Sealed Pushbutton Switch

ATP16-DL5-R-12B4S-W1-G Datasheet (HTML) - C&K Components


ATP16-DL5-R-12B4S-W1-G Product details

Features/Benefits
• Momentary or Lock version
• IP67 sealed
• Rated at 2A / 36 Vdc
• 1,000,000 life cycle
• Various colors of LED illuminate indicator
• Choices of actuator with ring or power logo
• RoHS compliant

Typical Applications
• Alarm, safety and security systems
• Intercom "push-to-talk"
devices
• Automatic food and drink
vending machines
• Parking lot ticket machines
& ticket paying stations
• Industrial Instruments




Similar Part No. - ATP16-DL5-R-12B4S-W1-G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATP160SM CTS-ATP160SM Datasheet
157Kb / 2P
Standard Crystals
ATP160SM CTS-ATP160SM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
ATP169SM CTS-ATP169SM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
ATP16ASM CTS-ATP16ASM Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
More results


Similar Description - ATP16-DL5-R-12B4S-W1-G

ManufacturerPart #DatasheetDescription
logo
GREATECS
PAV22 GREATECS-PAV22 Datasheet
207Kb / 1P
Anti-Vandal Pushbutton Switch - Mounting Hole 22mm
PAV25 GREATECS-PAV25 Datasheet
172Kb / 1P
Anti-Vandal Pushbutton Switch - Mounting Hole 25mm
logo
List of Unclassifed Man...
AV090003A940N ETC-AV090003A940N Datasheet
1Mb / 31P
Anti-vandal and security pushbutton switches
logo
E-SWITCH
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
C&K Components
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
ATPS19 CK-COMPONENTS-ATPS19 Datasheet
581Kb / 3P
Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
ATPS22 CK-COMPONENTS-ATPS22 Datasheet
712Kb / 3P
Anti-Vandal Short-Body Sealed Pushbutton Switch
5 Jul 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com