Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJA22DP Datasheet (PDF) - Vishay Siliconix

SIJA22DP Datasheet PDF - Vishay Siliconix
Part # SIJA22DP
Download  SIJA22DP Download
File Size   241.93 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFET

SIJA22DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJA22DP Datasheet PDF - Vishay Siliconix

Part # SIJA22DP
Download  SIJA22DP Click to download

File Size   241.93 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFET

SIJA22DP Datasheet (HTML) - Vishay Siliconix


SIJA22DP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Tuned for the lowest RDS-Qoss FOM
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching
characteristics
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• Hot-swap switch and OR-ing FET
• Battery and load switch




Similar Part No. - SIJA22DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJA52ADP VISHAY-SIJA52ADP Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
02-Jul-2018
SIJA52DP VISHAY-SIJA52DP Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
25-Apr-16
SIJA52DP VISHAY-SIJA52DP_V01 Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
25-Apr-16
SIJA54DP VISHAY-SIJA54DP_V01 Datasheet
235Kb / 10P
N-Channel 40 V (D-S) MOSFET
25-Apr-16
SIJA58ADP VISHAY-SIJA58ADP Datasheet
245Kb / 10P
N-Channel 40 V (D-S) MOSFET
17-Sep-2018
More results


Similar Description - SIJA22DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com