Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJA58DP Datasheet (PDF) - Vishay Siliconix

SIJA58DP Datasheet PDF - Vishay Siliconix
Part # SIJA58DP
Download  SIJA58DP Download
File Size   238.19 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 150 째C MOSFET

SIJA58DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJA58DP Datasheet PDF - Vishay Siliconix

Part # SIJA58DP
Download  SIJA58DP Click to download

File Size   238.19 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 150 째C MOSFET

SIJA58DP Datasheet (HTML) - Vishay Siliconix


SIJA58DP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Tuned for the lowest RDS-Qoss FOM
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching characteristics
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• DC/AC inverters




Similar Part No. - SIJA58DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJA58ADP VISHAY-SIJA58ADP Datasheet
245Kb / 10P
N-Channel 40 V (D-S) MOSFET
17-Sep-2018
More results


Similar Description - SIJA58DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD15N15-95 VISHAY-SUD15N15-95_V01 Datasheet
169Kb / 8P
N-Channel 150 V (D-S) 175 °C MOSFET
21-Jan-13
SUD25N15-52 VISHAY-SUD25N15-52_V01 Datasheet
173Kb / 8P
N-Channel 150-V (D-S) 175 °C MOSFET
10-Aug-09
SUD80460E VISHAY-SUD80460E_V01 Datasheet
221Kb / 10P
N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-16
SUG80050E VISHAY-SUG80050E Datasheet
203Kb / 10P
N-Channel 150 V (D-S) 175 °C MOSFET
26-Jul-17
SUP85N15-21 VISHAY-SUP85N15-21_V01 Datasheet
80Kb / 6P
N-Channel 150-V (D-S) 175 °C MOSFET
06-Aug-07
SIDR570EP VISHAY-SIDR570EP Datasheet
182Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
06-Dec-2021
SIRA74DP VISHAY-SIRA74DP Datasheet
267Kb / 9P
N-Channel 40 V (D-S) 150 °C MOSFET
29-Jun-2020
SIJH5700E VISHAY-SIJH5700E Datasheet
188Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
14-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com