Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJH112E Datasheet (PDF) - Vishay Siliconix

SIJH112E Datasheet PDF - Vishay Siliconix
Part # SIJH112E
Download  SIJH112E Download
File Size   245.08 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) 175 째C MOSFET

SIJH112E Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJH112E Datasheet PDF - Vishay Siliconix

Part # SIJH112E
Download  SIJH112E Click to download

File Size   245.08 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) 175 째C MOSFET

SIJH112E Datasheet (HTML) - Vishay Siliconix


SIJH112E Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Fully lead (Pb)-free device
• Optimized Qg, Qgd, and Qgd/Qgs ratio reduces
switching related power loss
• Up to 200 A maximum continuous drain current
• 50 % smaller footprint than D2PAK (TO-263)
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• OR-ing
• Motor drive control
• Battery management




Similar Part No. - SIJH112E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
N-Channel 40 V (D-S) 175 °C MOSFET
17-Oct-16
SIJH440E VISHAY-SIJH440E Datasheet
253Kb / 10P
N-Channel 40 V (D-S) 175 째C MOSFET
17-Oct-16
SIJH440E VISHAY-SIJH440E_V01 Datasheet
253Kb / 10P
N-Channel 40 V (D-S) 175 째C MOSFET
17-Oct-16
SIJH5100E VISHAY-SIJH5100E Datasheet
209Kb / 7P
N-Channel 100 V (D-S) 175 °C MOSFET
09-May-2022
SIJH5700E VISHAY-SIJH5700E Datasheet
188Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
14-Feb-2022
More results


Similar Description - SIJH112E

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBL1105 VBSEMI-VBL1105 Datasheet
544Kb / 7P
N-Channel 100 V (D-S) 175 째C MOSFET
AP75T10BGP-HF VBSEMI-AP75T10BGP-HF Datasheet
973Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
UTT80N10 VBSEMI-UTT80N10 Datasheet
951Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
80N10L VBSEMI-80N10L Datasheet
1Mb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
SPN65T10T220TGB VBSEMI-SPN65T10T220TGB Datasheet
976Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
SQM100N10-10-GE3 VBSEMI-SQM100N10-10-GE3 Datasheet
958Kb / 7P
N-Channel 100 V (D-S) 175 째C MOSFET
STP80NF10 VBSEMI-STP80NF10 Datasheet
976Kb / 7P
N-Channel 100-V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17_V01 Datasheet
154Kb / 8P
N-Channel 100 V (D-S) 175 °C MOSFET
13-Feb-12
SIDR104AEP VISHAY-SIDR104AEP Datasheet
177Kb / 7P
N-Channel 100 V (D-S) 175 째C MOSFET
10-May-2021
SUD40N10-25 VISHAY-SUD40N10-25_V01 Datasheet
168Kb / 8P
N-Channel 100-V (D-S) 175 °C MOSFET
04-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com