Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR876ADP Datasheet (PDF) - Vishay Siliconix

SIR876ADP Datasheet PDF - Vishay Siliconix
Part # SIR876ADP
Download  SIR876ADP Download
File Size   367.8 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFETs

SIR876ADP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR876ADP Datasheet PDF - Vishay Siliconix

Part # SIR876ADP
Download  SIR876ADP Click to download

File Size   367.8 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 100 V (D-S) MOSFETs

SIR876ADP Datasheet (HTML) - Vishay Siliconix


SIR876ADP Product details

FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• Material categorization: 
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• DC/DC primary side switch
• Telecom/server 48 V,
full/half-bridge DC/DC
• Industrial




Similar Part No. - SIR876ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR876ADP VISHAY-SIR876ADP Datasheet
188Kb / 9P
N-Channel 100 V (D-S) MOSFET
14-Nov-11
SIR876ADP-T1-GE3 VISHAY-SIR876ADP-T1-GE3 Datasheet
367Kb / 13P
N-Channel 100 V (D-S) MOSFET
14-Nov-11
SIR876ADP VISHAY-SIR876ADP_V01 Datasheet
367Kb / 13P
N-Channel 100 V (D-S) MOSFET
14-Nov-11
More results


Similar Description - SIR876ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
N-Channel 200-V (D-S) MOSFETs
16-Jul-01
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
N-Channel 25 V (D-S) MOSFETs
04-Apr-11
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
N-Channel 25 V (D-S) MOSFETs
28-Nov-11
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
N-Channel 30 V (D-S) MOSFETs
28-Nov-11
logo
DinTek Semiconductor Co...
DTU15N10 DINTEK-DTU15N10_13 Datasheet
1Mb / 7P
N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFETS
DTU40N10 DINTEK-DTU40N10_13 Datasheet
509Kb / 8P
N-Channel 100-V (D-S) MOSFET TrenchFET Power MOSFETS
logo
Vishay Siliconix
SUM70042E VISHAY-SUM70042E_V01 Datasheet
190Kb / 8P
N-Channel 100 V (D-S) MOSFETS
15-Mar-2021
SISS40DN VISHAY-SISS40DN_V01 Datasheet
188Kb / 9P
N-Channel 100 V (D-S) MOSFETs
29-Jul-13
SIZ270DT VISHAY-SIZ270DT Datasheet
367Kb / 14P
Dual N-Channel 100 V (D-S) MOSFETs
10-Feb-2020
SIR514DP VISHAY-SIR514DP Datasheet
179Kb / 7P
N-Channel 100 V (D-S) MOSFETs
31-May-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com