Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIRA22DP Datasheet (PDF) - Vishay Siliconix

SIRA22DP Datasheet PDF - Vishay Siliconix
Part # SIRA22DP
Download  SIRA22DP Download
File Size   255.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFETs

SIRA22DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIRA22DP Datasheet PDF - Vishay Siliconix

Part # SIRA22DP
Download  SIRA22DP Click to download

File Size   255.96 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFETs

SIRA22DP Datasheet (HTML) - Vishay Siliconix


SIRA22DP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Optimized Qg, Qgd, and Qgd/Qgs ratio reduces
switching related power loss
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• Synchronous buck converter
• Load switching




Similar Part No. - SIRA22DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRA20BDP VISHAY-SIRA20BDP Datasheet
233Kb / 9P
N-Channel 25 V (D-S) MOSFET
24-Jan-2022
SIRA20DP VISHAY-SIRA20DP Datasheet
217Kb / 7P
N-Channel 25 V (D-S) MOSFET
10-Oct-16
SIRA20DP-T1-RE3 VISHAY-SIRA20DP-T1-RE3 Datasheet
412Kb / 13P
N-Channel 25 V (D-S) MOSFET
10-Oct-16
SIRA20DP VISHAY-SIRA20DP_V01 Datasheet
412Kb / 13P
N-Channel 25 V (D-S) MOSFET
10-Oct-16
SIRA24DP VISHAY-SIRA24DP Datasheet
202Kb / 7P
N-Channel 25 V (D-S) MOSFET
10-Oct-16
More results


Similar Description - SIRA22DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
N-Channel 200-V (D-S) MOSFETs
16-Jul-01
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
N-Channel 25 V (D-S) MOSFETs
04-Apr-11
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
N-Channel 25 V (D-S) MOSFETs
28-Nov-11
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
N-Channel 30 V (D-S) MOSFETs
28-Nov-11
logo
Vishay Telefunken
SIZ728DT TFUNK-SIZ728DT Datasheet
211Kb / 14P
N-Channel 25 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
N-Channel 20-V (D-S) MOSFETs
28-Nov-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
N-Channel 25 V (D-S) MOSFETs
28-Nov-11
SIZ926DT VISHAY-SIZ926DT Datasheet
236Kb / 14P
Dual N-Channel 25 V (D-S) MOSFETs
11-Nov-2019
SIZ320DT VISHAY-SIZ320DT Datasheet
368Kb / 14P
Dual N-Channel 25 V (D-S) MOSFETs
27-Feb-17
SIZ328DT VISHAY-SIZ328DT Datasheet
391Kb / 14P
Dual N-Channel 25 V (D-S) MOSFETs
04-Nov-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com