Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301530061 Datasheet (PDF) - Molex Electronics Ltd.

1301530061 Datasheet PDF - Molex Electronics Ltd.
Part # 1301530061
Download  1301530061 Download
File Size   689.69 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN

1301530061 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301530061 Datasheet PDF - Molex Electronics Ltd.

Part # 1301530061
Download  1301530061 Click to download

File Size   689.69 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN

1301530061 Datasheet (HTML) - Molex Electronics Ltd.


1301530061 Product details

TECHNICAL:
LISTED: UL AND cUL
RATED SUPPLY VOLTAGE: 120 VAC
RATED CURRENT: UP TO 15 AMPS OR CABLE RATING
RESET TYPE: AUTOMATIC OR MANUAL
OPERATING FREQUENCY: 60 Hz
TYPE: CLASS A
GROUND TRIP CURRENT: 4-6 mA
OVERLOAD CURRENT: 90 AMP 125 VAC
INSULATION VOLTAGE: 1,500 VRMS - 1 MINUTE
ENDURANCE OPERATIONS: 3000 OPERATIONS




Similar Part No. - 1301530061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530061 MOLEX-1301530061 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530061 MOLEX-1301530061 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530061 MOLEX-1301530061 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
More results


Similar Description - 1301530061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530127 MOLEX-1301530127 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530131 MOLEX-1301530131 Datasheet
284Kb / 1P
GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
22/04/28
1301530020 MOLEX-1301530020 Datasheet
642Kb / 1P
120V 15A INLINE GFCI W/ MOLDED PLUG & CONN NEMA 5-15
2022/01/04
1301530024 MOLEX-1301530024 Datasheet
642Kb / 1P
120V 15A INLINE GFCI W/ MOLDED PLUG & CONN NEMA 5-15
2022/01/04
1301530043 MOLEX-1301530043 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
1301530053 MOLEX-1301530053 Datasheet
714Kb / 1P
120V 15A INLINE GFCI W/ 1447 & 1547 NEMA 5-15
2022/02/02
1301530061 MOLEX-1301530061 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530063 MOLEX-1301530063 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
1301530070 MOLEX-1301530070 Datasheet
689Kb / 1P
120V 15A INLINE GFCI W/ 14W47 & 15W47 WATERTIGHT PLUG & CONN
2020/02/05
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com