Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC0AC8 Datasheet (PDF) - Balluff Korea Ltd.

BCC0AC8 Datasheet PDF - Balluff Korea Ltd.
Part # BCC0AC8
Download  BCC0AC8 Download
File Size   89.76 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Bulk Cables

BCC0AC8 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCC0AC8 Datasheet PDF - Balluff Korea Ltd.

Part # BCC0AC8
Download  BCC0AC8 Click to download

File Size   89.76 Kbytes
Page   2 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Bulk Cables

BCC0AC8 Datasheet (HTML) - Balluff Korea Ltd.


BCC0AC8 Product details

Electrical connection
Bending radius min., fixed cable 5 x D
Bending radius min., flexible cable 10 x D
Cable PUR black, 100 m, drag chain
compatible
Cable diameter D 4.70 mm ±0.20 mm
Cable, bending cycles min. 2 mil.
Conductor cross-section 0.34 mm²
Number of conductors 4




Similar Part No. - BCC0AC8

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AC0 BALLUFF-BCC0AC0 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AC2 BALLUFF-BCC0AC2 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AC3 BALLUFF-BCC0AC3 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AC4 BALLUFF-BCC0AC4 Datasheet
104Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AC6 BALLUFF-BCC0AC6 Datasheet
101Kb / 2P
Bulk Cables
0.57_2022-07-16
More results


Similar Description - BCC0AC8

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AEH BALLUFF-BCC0AEH Datasheet
89Kb / 2P
Bulk Cables
0.45_2022-07-16
BCC0AEK BALLUFF-BCC0AEK Datasheet
90Kb / 2P
Bulk Cables
0.44_2022-07-16
BCC0AEN BALLUFF-BCC0AEN Datasheet
90Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0AEP BALLUFF-BCC0AEP Datasheet
90Kb / 2P
Bulk Cables
0.43_2022-07-16
BCC0AUJ BALLUFF-BCC0AUJ Datasheet
105Kb / 2P
Bulk Cables
0.52_2022-07-14
BCC0C15 BALLUFF-BCC0C15 Datasheet
88Kb / 1P
Bulk Cables
0.45_2022-07-16
BCC0C1A BALLUFF-BCC0C1A Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0C1F BALLUFF-BCC0C1F Datasheet
89Kb / 2P
Bulk Cables
0.47_2022-07-16
BCC0E42 BALLUFF-BCC0E42 Datasheet
89Kb / 2P
Bulk Cables
0.48_2022-07-16
BCC0F9F BALLUFF-BCC0F9F Datasheet
90Kb / 2P
Bulk Cables
0.49_2022-07-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com