Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPOL5A-5-SIP Datasheet (PDF) - CUI INC

VPOL5A-5-SIP Datasheet PDF - CUI INC
Part # VPOL5A-5-SIP
Download  VPOL5A-5-SIP Download
File Size   2968.1 Kbytes
Page   11 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description POINT OF LOAD CONVERTER

VPOL5A-5-SIP Datasheet (PDF)

Go To PDF Page Download Datasheet
VPOL5A-5-SIP Datasheet PDF - CUI INC

Part # VPOL5A-5-SIP
Download  VPOL5A-5-SIP Click to download

File Size   2968.1 Kbytes
Page   11 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description POINT OF LOAD CONVERTER

VPOL5A-5-SIP Datasheet (HTML) - CUI INC


VPOL5A-5-SIP Product details

FEATURES
• high efficiency topology, typically 94% at 3.3 Vdc
• industry standard footprint
• operating temperature range (-40~85°C)
• cost efficient open frame design
• programmable output voltage via external resistor from 0.75 to 3.63 Vdc
• no minimum load requirement (stable at all loads)
• remote on/off
• remote sense compensation
• fixed switching frequency
• continuous short-circuit protection and over current protection
• over-temperature protection (OTP)
• monotonic startup with pre-bias at the output
• UL/IEC/ EN 60950-1 (E222736) certified




Similar Part No. - VPOL5A-5-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
point of load converter
More results


Similar Description - VPOL5A-5-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
point of load converter
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
VPOL10A-12W-SMT CUI-VPOL10A-12W-SMT Datasheet
656Kb / 14P
point of load converter
VPOL15A-5-SIP CUI-VPOL15A-5-SIP Datasheet
268Kb / 12P
point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
point of load converter
VPOL16A-12-SMT CUI-VPOL16A-12-SMT Datasheet
267Kb / 12P
point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
point of load converter
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
11/02/2021
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com