Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP5210 Datasheet (PDF) - NXP Semiconductors

NTP5210 Datasheet PDF - NXP Semiconductors
Part # NTP5210
Download  NTP5210 Download
File Size   868.15 Kbytes
Page   89 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge

NTP5210 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTP5210 Datasheet PDF - NXP Semiconductors

Part # NTP5210
Download  NTP5210 Click to download

File Size   868.15 Kbytes
Page   89 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge

NTP5210 Datasheet (HTML) - NXP Semiconductors


NTP5210 Product details

General description
Designed as an MCU replacement in various gaming and lighting applications, this NFC
tag adds connectivity and increases flexibility while saving energy and lowering the bill of
materials.
NXP's NTAG 5 switch lets designers eliminate the MCU in selected gaming and lighting
applications and other cost sensitive designs, for added functionality, connectivity,
and efficiency at a lower cost. Operating at 13.56 MHz, it is an NFC Forum-compliant
(customer development board is NFC Forum certified - Certification ID: 58626)
contactless tag that can be read by any NFC-enabled device at close range and by
an ISO/IEC 15693-enabled industrial reader over a longer range. Easy configuration
supports a range of control functions, and the integrated originality check lets the user
verify an end product’s authenticity.
In some lighting and gaming applications, NTAG 5 switch enables simple and costeffective
designs without a microcontroller. It implements multiplexed pins, offering
general-purpose I/O (GPIO) and pulse width modulation (PWM) as well as NFC field
detection. The characteristics of the PWM or GPIO signal can be configured through the
NFC interface. These features can be used to switch on/off and control motor speed or
LED brightness.
Support for ISO/IEC 15693 lets the NTAG 5 switch communicate securely in two ways —
with powerful industrial readers, at a range of up to 60 cm and with NFC-enabled devices
within proximity range. This duality makes it possible for the device to be calibrated and
parameterized automatically while in the factory and then, when put to use in the field,
safely communicate with contactless devices such as NFCenabled smartphones.
The tag’s 512 bytes of memory can be divided into three areas, and each area can use
a different protection level, varying from no protection to 32-/64-bit, password-protected
read/write access. Different parties in the value chain can have their own dedicated
memory areas for storing access data.
The NTAG 5 switch comes with pre-programmed proof-of-origin functionality to verify
authenticity. The elliptic curve cryptography (ECC) based originality signature can be
locked or reprogrammed by the customer.
The NTAG 5 is a powerhouse, harvesting the energy from an NFC Reader, it can operate
without a battery. Better yet, with its configurable output voltage, it can power a circuit, a sensor network and even charge a super capacitor wireless.

Features and benefits
• Reading distance with long-range reader > 60 cm (> 25 inches)
• Flexible operation with PWM/GPIO interface
• Flexible split between three open and/or protected memory areas
• Ensured authenticity of product through value chain
• Interoperable data exchange according to NFC Forum standards
• Energy-efficient design with reduced bill of material
• Interoperable and high performance NFC interface
– ISO/IEC 15693 and NFC Forum Type 5 Tag compliant
– 64-bit Unique IDentifier
• Reliable and robust memory
– 512 bytes (4096 bits) user EEPROM on top of configuration memory
– 40 years data retention
– Write endurance of 1 000 000 cycles
• Configurable contact interface
– One configurable event detection pin
– Two GPIOs
– Two Pulse Width Modulation (PWM) channels as multiplexed GPIOs and/or ED pin
– 1.62 V to 5.5 V supply voltage
• Scalable security for access and data protection
– Disable NFC interface temporarily
– NFC PRIVACY mode
– Read-only protection as defined in NFC Forum Type 5 Tag Specification
– Full, read-only, or no memory access based on 32-bit password
– Optional 64-bit password protection
– ECC-based reprogrammable originality signature
• Low-power budget application support
– Energy harvesting with configurable output voltage up to 30 mW
– Low-power standby current typically <6 μA
– Hard power down current typically <0.25 μA
• Very robust architecture
– -40 °C to 105 °C for EEPROM read and register access
– -40 °C to 85 °C for EEPROM write access
• Extensive product support package
– Feature specific application notes
– Development board including software and source code
– Hands-on training

Applications
• Use cases
– Calibration
– Trimming
– Authenticity check and data protection
– Late "in the box" configuration
– LED driver configuration
– NFC charging
• Applications
– Lighting
– Smart home
– Hearable and Wearable
– Consumer
– Industrial
– Gaming




Similar Part No. - NTP5210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP52N10 ONSEMI-NTP52N10 Datasheet
72Kb / 8P
Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
NTP52N10 ONSEMI-NTP52N10 Datasheet
164Kb / 7P
Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTP52N10/D ONSEMI-NTP52N10/D Datasheet
72Kb / 8P
Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
NTP52N10D ONSEMI-NTP52N10D Datasheet
72Kb / 8P
Power MOSFET 52 Amps, 100 Volts
December, 2003 ??Rev. 2
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
More results


Similar Description - NTP5210

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NTP53X2 NXP-NTP53X2 Datasheet
1Mb / 133P
NTAG 5 link - NFC Forum-compliant I2C bridge
Rev. 3.3-3 July 2020
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
NTA5332 NXP-NTA5332 Datasheet
1Mb / 133P
NTAG 5 boost - NFC Forum-compliant I2C bridge for tiny devices
Rev. 3.3 ??3 July 2020
NT2H2421G0 NXP-NT2H2421G0_V01 Datasheet
555Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.1 - 5 April 2023
NT2H2421G0 NXP-NT2H2421G0_V02 Datasheet
557Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.2 - 19 October 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com