Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2006NA Datasheet (PDF) - Anachip Corp

AP2006NA Datasheet PDF - Anachip Corp
Part # AP2006NA
Download  AP2006NA Download
File Size   182.61 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 200KHz, PWM Buck DC/DC & Linear Controller

AP2006NA Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2006NA Datasheet PDF - Anachip Corp

Part # AP2006NA
Download  AP2006NA Click to download

File Size   182.61 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 200KHz, PWM Buck DC/DC & Linear Controller

AP2006NA Datasheet (HTML) - Anachip Corp


AP2006NA Product details

General Descriptions
The AP2006 series are monolithic IC’s containing a PWM and a linear power controller. The PWM driving a external PMOS. Due to the reduction of the number of external components, board space can be saved easily. The external shutdown function can be controlled by logic level. It switchs the IC into the standby mode. The internal compensation provides a good line and load regulation without external component. Short circuit protection prohibits the over current in the output switchs. The AP2006 series operate at the switching frequency of 250KHz. Therefore, it is able to use the smaller sized filters than what used to be used with the lower frequency switching regulators.

Features
- Provides two regulated voltages
    -one PWM Controller( Drive PMOS)
    -one Linear Controller (Drive NPN and NMOS)
- Adjustable version: 1.23+/- 2.5%.
- 250KHz +10% fixed switching frequency
- Thermal-shutdown and current-limit protection
- SS/EN Soft-Start/Enable Function.
- Operating voltage can be up to 22V
- Low power standby mode
- Pb-Free Package: SOP8,DIP8

Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- XDSL…




Similar Part No. - AP2006NA

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
AP200 CAMPBELL-AP200 Datasheet
439Kb / 2P
CO2/H20 Atmospheric Profile System
01/15/2020
logo
LEM
AP200-B10 LEM-AP200-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP200-B420L LEM-AP200-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Advanced Semiconductor
AP2000A-00 ASI-AP2000A-00 Datasheet
14Kb / 1P
SILICON PIN DIODE CHIP
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
More results


Similar Description - AP2006NA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
PWM Buck DC-DC and Triple Linear Power Controller
February 8, 2005
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595_11 Datasheet
258Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com